Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4050BF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4050BF
Description  HEX non-inverting buffers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4050BF Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4050BF Datasheet HTML 1Page - NXP Semiconductors HEF4050BF Datasheet HTML 2Page - NXP Semiconductors HEF4050BF Datasheet HTML 3Page - NXP Semiconductors HEF4050BF Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
January 1995
4
Philips Semiconductors
Product specification
HEX non-inverting buffers
HEF4050B
buffers
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
5
35
70
ns
26 ns
+ (0,18 ns/pF) CL
In
On
10
tPHL
20
35
ns
16 ns
+ (0,08 ns/pF) CL
HIGH to LOW
15
15
30
ns
12 ns
+ (0,05 ns/pF) CL
5
55
110
ns
28 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
25
55
ns
14 ns
+ (0,23 ns/pF) CL
15
20
40
ns
12 ns
+ (0,16 ns/pF) CL
Output transition
5
25
50
ns
7 ns
+ (0,35 ns/pF) CL
times
10
tTHL
10
20
ns
3 ns
+ (0,14 ns/pF) CL
HIGH to LOW
15
7
14
ns
2 ns
+ (0,09 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
3 800 fi +∑ (foCL) × VDD2
where
dissipation per
10
11 600 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
65 900 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com