Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431BQLPM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL431BQLPM
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431BQLPM Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL431BQLPM Datasheet HTML 2Page - Texas Instruments TL431BQLPM Datasheet HTML 3Page - Texas Instruments TL431BQLPM Datasheet HTML 4Page - Texas Instruments TL431BQLPM Datasheet HTML 5Page - Texas Instruments TL431BQLPM Datasheet HTML 6Page - Texas Instruments TL431BQLPM Datasheet HTML 7Page - Texas Instruments TL431BQLPM Datasheet HTML 8Page - Texas Instruments TL431BQLPM Datasheet HTML 9Page - Texas Instruments TL431BQLPM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Vref TOLERANCE (25°C) = 1%
TL431A, TL432A ORDERING INFORMATION (CONTINUED)
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431AIP
TL431AIP
SC-70 (DCK)
Reel of 3000
TL431AIDCKR
T5_
SC-70 (DCK)
Reel of 250
TL431AIDCKT
T5_
SOIC (D)
Tube of 75
TL431AID
431AI
SOIC (D)
Reel of 2500
TL431AIDR
431AI
Reel of 3000
TL431AIDBVR
TAI_
SOT-23-5 (DBV)
Reel of 250
TL431AIDBVT
TAI_
SOT-23-5 (DBV)
Reel of 3000
TL432AIDBVR
T4A_
Reel of 250
TL432AIDBVT
T4A_
−40 C to 85 C
Reel of 3000
TL431AIDBZR
TAI_
−40
°C to 85°C
SOT-23-3 (DBZ)
Reel of 250
TL431AIDBZT
TAI_
SOT-23-3 (DBZ)
Reel of 3000
TL432AIDBZR
T4A_
Reel of 250
TL432AIDBZT
T4A_
SOT-89 (PK)
Reel of 1000
TL431AIPK
4B
SOT-89 (PK)
Reel of 1000
TL432AIPK
2E
Bulk of 1000,
straight lead
TL431AILP
TO-226/TO-92 (LP)
Ammo of 2000,
formed lead
TL431AILPM
TL431AI
Reel of 2000,
formed lead
TL431AILPR
Reel of 3000
TL431AQDBVR
TAQ_
SOT-23-5 (DBV)
Reel of 250
TL431AQDBVT
TAQ_
SOT-23-5 (DBV)
Reel of 3000
TL432AQDBVR
T4D_
Reel of 250
TL432AQDBVT
T4D_
Reel of 3000
TL431AQDBZR
TAQ_
−40 C to 125 C
SOT-23-3 (DBZ)
Reel of 250
TL431AQDBZT
TAQ_
−40
°C to 125°C
SOT-23-3 (DBZ)
Reel of 3000
TL432AQDBZR
T4D_
Reel of 250
TL432AQDBZT
T4D_
SOT-89 (PK)
Reel of 1000
TL431AQPK
4D
SOT-89 (PK)
Reel of 1000
TL432AQPK
2F
SC-70 (PK)
Reel of 1000
TL431AQDCKR
T7_
SC-70 (PK)
Reel of 250
TL431AQDCKT
T7_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com