Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12013P Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC12013P
Description  Dual Modulus Prescaler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12013P Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC12013P Datasheet HTML 2Page - Motorola, Inc MC12013P Datasheet HTML 3Page - Motorola, Inc MC12013P Datasheet HTML 4Page - Motorola, Inc MC12013P Datasheet HTML 5Page - Motorola, Inc MC12013P Datasheet HTML 6Page - Motorola, Inc MC12013P Datasheet HTML 7Page - Motorola, Inc MC12013P Datasheet HTML 8Page - Motorola, Inc MC12013P Datasheet HTML 9Page - Motorola, Inc MC12013P Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MC12009 MC12011 MC12013
6
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (Supply Voltage = 5.0 V, unless otherwise noted.)
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Max
Min
Max
Unit
Power Supply Drain Current
ICC1
8
–88
–80
–80
mAdc
pp y
ICC2
6
5.2
5.2
5.2
mAdc
Input Current
IinH1
15
11
12
13
375
375
375
375
250
250
250
250
250
250
250
250
µAdc
IinH2
4
5
1.7
1.7
6.0
6.0
2.0
2.0
6.0
6.0
2.0
2.0
6.4
6.4
mAdc
IinH3
5
0.7
3.0
1.0
3.0
1.0
3.6
IinH4
9
10
100
100
100
100
100
100
µAdc
Leakage Current
IinL1
15
11
12
13
–10
–10
–10
–10
–10
–10
–10
–10
–10
–10
–10
–10
µAdc
IinL2
9
10
–1.6
–1.6
–1.6
–1.6
–1.6
–1.6
mAdc
Reference Voltage
VBB
14
3.67
3.87
Vdc
Logic ‘1’ Output Voltage
VOH1
(Note 4.)
2
3
3.900
3.900
4.110
4.110
4.000
4.000
4.190
4.190
4.070
4.070
4.300
4.300
Vdc
VOH2
7
2.4
2.6
2.8
Logic ‘0’ Output Voltage
VOL1
(Note 4.)
2
3
3.070
3.070
3.385
3.385
3.110
3.110
3.410
3.410
3.135
3.135
3.445
3.445
Vdc
VOL2
7
0.94
0.80
0.72
Logic ‘1’ Threshold Voltage
VOHA
(Note 5.)
2
3
3.880
3.880
3.980
3.980
4.050
4.050
Vdc
Logic ‘0’ Threshold Voltage
VOLA
(Note 6.)
2
3
3.405
3.405
3.430
3.430
3.465
3.465
Vdc
Short Circuit Current
IOS
7
–65
–20
–65
–20
–65
–20
mAdc
4. Test outputs of the device must be tested by sequencing through the truth table. All input, power supply and
ground voltages must be maintained between tests. The clock input is the waveform shown.
5. In addition to meeting the output levels specified, the device must divide by 5, 8 or 10 during this test. The clock
input is the waveform shown.
6. In addition to meeting the output levels specified, the device must divide by 6, 9 or 11 during this test. The clock
input is the waveform shown.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50
Ω resistor to –2.0 V. Test procedures are shown for only one gate. The other gates are tested in the same
manner.
VIHmax
VILmin
Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com