Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP601RT Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP601RT
Description  2.7V to 5.5V Single-Supply CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601RT Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP601RT Datasheet HTML 20Page - Microchip Technology MCP601RT Datasheet HTML 21Page - Microchip Technology MCP601RT Datasheet HTML 22Page - Microchip Technology MCP601RT Datasheet HTML 23Page - Microchip Technology MCP601RT Datasheet HTML 24Page - Microchip Technology MCP601RT Datasheet HTML 25Page - Microchip Technology MCP601RT Datasheet HTML 26Page - Microchip Technology MCP601RT Datasheet HTML 27Page - Microchip Technology MCP601RT Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2004 Microchip Technology Inc.
DS21314F-page 25
MCP601/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
Device
MCP601
Single Op Amp
MCP601T Single Op Amp
(Tape and Reel for SOT23, SOIC and TSSOP)
MCP601RT Single Op Amp
(Tape and Reel for SOT23-5)
MCP602
Dual Op Amp
MCP602T Dual Op Amp
(Tape and Reel for SOIC and TSSOP)
MCP603
Single Op Amp with Chip Select
MCP603T Single Op Amp with Chip Select
(Tape and Reel for SOT23, SOIC and TSSOP)
MCP604
Quad Op Amp
MCP604T Quad Op Amp
(Tape and Reel for SOIC and TSSOP)
Temperature Range
I
= -40
°C to +85°C
E= -40
°C to +125°C
Package
OT
= Plastic SOT23, 5-lead (MCP601 only)
CH
= Plastic SOT23, 6-lead (MCP603 only)
P
= Plastic DIP (300 mil Body), 8, 14-lead
SN
= Plastic SOIC (150 mil Body), 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
ST
= Plastic TSSOP (4.4mm Body), 8, 14-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP601-I/P:
Single Op Amp,
Industrial Temperature,
8LD PDIP package.
b)
MCP601-E/SN:
Single Op Amp,
Extended Temperature,
8LD SOIC package.
c)
MCP601T-I/OT:
Tape and Reel,
Industrial Temperature,
Single Op Amp,
5-LD SOT23 package.
d)
MCP601T-E/ST:
Tape and Reel,
Extended Temperature,
Single Op Amp,
8LD TSSOP package
e)
MCP601RT-E/OT: Tape and Reel,
Extended Temperature,
Single Op Amp, Rotated,
5-LD SOT23 package.
a)
MCP602-I/SN:
Dual Op Amp,
Industrial Temperature,
8LD SOIC package.
b)
MCP602-E/P:
Dual Op Amp,
Extended Temperature,
8LD PDIP package.
c)
MCP602T-E/ST:
Tape and Reel,
Extended Temperature,
Dual Op Amp,
8LD TSSOP package.
a)
MCP603-I/SN:
Industrial Temperature,
Single Op Amp with Chip
Select,8LD SOIC package.
b)
MCP603-E/P:
Extended Temperature,
Single Op Amp with Chip
Select, 8LD PDIP package.
c)
MCP603T-E/ST:
Tape and Reel,
Extended Temperature,
Single Op Amp with Chip
Select, 8LD TSSOP package.
d)
MCP603T-I/SN:
Tape and Reel,
Industrial Temperature,
Single Op Amp with Chip
Select, 8LD SOIC package.
a)
MCP604-I/P:
Industrial Temperature,
Quad Op Amp,
14LD PDIP package.
b)
MCP604-E/SL:
Extended Temperature,
Quad Op Amp,
14LD SOIC package.
c)
MCP604T-I/ST:
Tape and Reel,
Industrial Temperature,
Quad Op Amp,
14LD TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com