Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0736 Datasheet(PDF) 88 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 88 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 84Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 85Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 86Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 87Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 88Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 89Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 90Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 91Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 92Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
86/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Select SH960
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank Addr
30P
25P
0
0x89
SEL960H_01
[0]
0
0
* This register is not apply to the AHD mode.
(apply to only SD MODE)
SEL_960H_0x
:
37.125MHz 720H mode or 37.125MHz 960H mode selection.
When STD_MODE_x (BANK0, 0x85~0x88[0]) = 0x0
0:
37.125MHz 960H Mode
1:
37.125MHz 720H Mode
0x8A
SEL960H_02
0x8B
SEL960H_03
0x8C
SEL960H_04
Registers to Control Horizontal ZOOM
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank Addr
30P
25P
0
0x93
HZOOM_ON_1
[0]
0
0
HZOOM_ON_x
( x
=
channel 1~4 )
: This Register can be turned on or off Horizontal ZOOM.
0:
ZOOM OFF
1:
ZOOM ON
0x94
HZOOM_ON_2
0x95
HZOOM_ON_3
0x96
HZOOM_ON_4
Registers to Control Y/C DELAY
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank Addr
30P
25P
0
0xA0
DF_YDELAY_4
[3:0]
0x0
0x0
DF_YDELAY_x
( x
=
channel 1~4 )
: Y(Luminance) delay control in the domain of 27MHz can be controlled
between 0x0 ~ 0xF.
0xA1
DF_YDELAY_3
0xA2
DF_YDELAY_2
0xA3
DF_YDELAY_1
0xA0
DF_CDELAY_4
[7:4]
0x0
0x0
DF_CDELAY_x
( x
=
channel 1~4 )
: C(Chrominance) delay control in the domain of 27MHz can be controlled
between 0x0 ~ 0xF.
0xA1
DF_CDELAY_3
0xA2
DF_CDELAY_2
0xA3
DF_CDELAY_1
0xA4
DB_YDELAY_4
[3:0]
0x1
0x1
DB_YDELAY_x
( x
=
channel 1~4 )
: Y(Luminance) delay control in the domain of 36MHz can be controlled
between 0x0 ~ 0xF.
0xA5
DB_YDELAY_3
0xA6
DB_YDELAY_2
0xA7
DB_YDELAY_1
0xA4
DB_CDELAY_4
[7:4]
0x0
0x0
DB_CDELAY_x
( x
=
channel 1~4 )
: C(Chrominance) delay control in the domain of 36MHz can be controlled
between 0x0 ~ 0xF.
0xA5
DB_CDELAY_3
0xA6
DB_CDELAY_2
0xA7
DB_CDELAY_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com