Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0736 Datasheet(PDF) 108 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 108 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 104Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 105Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 106Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 107Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 108Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 109Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 110Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 111Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 112Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
106/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Video Output Port Enable
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0xCA
VCLK_4_EN
[7]
0xFF
0xFF
VCLK_x_EN
: Video Output Port_x CLK Enable (x = VDO output port number)
VCLK_3_EN
[6]
VCLK_2_EN
[5]
0
:
Disable
1
:
Enable
VCLK_1_EN
[4]
VDO_4_EN
[3]
VDO_x_EN
: VDOx DATA Enable (x = VDO output port number)
VDO_3_EN
[2]
VDO_2_EN
[1]
0
:
Disable
1
:
Enable
VDO_1_EN
[0]
Registers to Select Video Output Clock
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0xCC
VCLK1_SEL
[6:4]
0x60
0x60
VCLKx_SEL
: Select clock frequency and phase of each port. (x =
Port number)
0
:
37.125MHz clock with phase 1
(delay=0ns)
1
:
37.125MHz clock with phase 2
(delay≒6.76ns)
2
:
37.125MHz clock with phase 3
(delay≒13.47ns)
3
:
37.125MHz clock with phase 4
(delay≒26.9ns)
*
0~3 : Don
’t use When AHD or AFHD MODE
4
:
74.125MHz clock with phase 1
(delay=0ns)
5
:
74.125MHz clock with phase 2
(delay≒13.47ns)
6
:
148.5MHz clock with phase 1
(delay=0ns)
7
:
148.5MHz clock with phase 2
(delay≒6.73ns)
0xCD
VCLK2_SEL
0xCE
VCLK3_SEL
0xCF
VCLK4_SEL
0xCC
VCLK_1_DLY_SEL
[3:0]
VCLK_x_DLY_SEL
: Delay the output clock in the unit of ≒ 1ns. Can be delayed up
to ≒ 15ns.
(x =
Port number)
0000
:
≒ 0ns.
0100
:
≒ 4ns.
1000
:
≒ 7ns.
1111
:
≒ 15ns.
0xCD
VCLK_2_DLY_SEL
0xCE
VCLK_3_DLY_SEL
0xCF
VCLK_4_DLY_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com