Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0736 Datasheet(PDF) 122 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 122 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 118Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 119Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 120Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 121Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 122Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 123Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 124Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 125Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 126Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
120/125
4-CH AHD2.0 RX and 9-CH Audio Codec
7. Electrical characteristics
7.1. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
1.2V Digital Power Supply Voltage
VVDD1DM
0.5
-
1.32
V
3.3V Digital Power Supply Voltage
VVDD3DM
0.5
-
3.6
V
3.3V Analog Power Supply Voltage
VVDD3AM
0.5
-
3.6
V
Voltage for Digital pins
VDlO
0.5
-
4.6
V
Voltage for Analog Inputs
VAlO
0.5
-
1.95
V
Storage Temperature
TS
-40
-
125
℃
Junction Temperature
TJ
-40
-
125
℃
Vapor phase soldering (15 Sec)
TVSOL
-
-
220
℃
Note : This Device should be operated under recommended operating condition. Since, absolute maximum rating condition can
either cause device reliability problem or damage the device sufficiently to cause immediate failure.
7.2. Recommended Operating Condition
Parameter
Symbol
Min
Typ
Max
Unit
1.2V Digital Power Supply Voltage
VVDD1D
1.08
1.2
1.32
V
3.3V Digital Power Supply Voltage
VVDD3D
3.0
3.3
3.6
V
3.3V Analog Power Supply Voltage
VVDD3A
3.0
3.3
3.6
V
Ambient operating temperature
VA
0
-
70
℃
7.3. DC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Input Low Voltage
VIL
-0.3
-
0.8
V
Input High Voltage
VIH
2
-
VDD3D+0.3
V
Input Leakage Current
IL
-
-
±1
uA
Input Capacitance (f = 1Mhz, VIN = 2.4V)
CIN
-
-
10
pF
Output Low Voltage (IOL = 8.0mA)
VOL
-
-
0.4
V
Output High Voltage (IOH = 12mA)
VOH
2.4
-
-
V
Tri-State Output Leakage Current
IOZ
-
-
±1
uA
Output Capacitance
COUT
-
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com