Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F04C Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT68F04C
Description  8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F04C Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT68F04C Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F04C Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
HT66F03C/HT66F04C/HT68F03C/HT68F04C
Rev. 0.00
49
February 26, 2010
Preliminary
I/O Port Control Register
The I/O port has its own control register known as PAC, to control the input/output configuration. With this control regis-
ter, each CMOS output or input can be reconfigured dynamically under software control. Each pin of the I/O port is di-
rectly mapped to a bit in its associated port control register. For the I/O pin to function as an input, the corresponding bit
of the control register must be written as a
²1². This will then allow the logic state of the input pin to be directly read by in-
structions. When the corresponding bit of the control register is written as a
²0², the I/O pin will be setup as a CMOS out-
put. If the pin is currently setup as an output, instructions can still be used to read the output register. However, it should
be noted that the program will in fact only read the status of the output data latch and not the actual logic status of the
output pin.
· PAC Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
11111111
Bit 7~0
I/O Port bit 7 ~ bit 0 Input/Output Control
0: Output
1: Input
Pin-remapping Functions
The flexibility of the microcontroller range is greatly enhanced by the use of pins that have more than one function.
Limited numbers of pins can force serious design constraints on designers but by supplying pins with multi-functions,
many of these difficulties can be overcome. The way in which the pin function of each pin is selected is different for each
function and a priority order is established where more than one pin function is selected simultaneously. Additionally
there is a PRM register to establish certain pin functions. Generally speaking, the analog function has higher priority
than the digital function. However, if more than two analog functions are enabled and the analog signal input comes
from the same external pin, the analog input will be internally connected to all of these active analog functional mod-
ules.
Pin-remapping Registers
The limited number of supplied pins in a package can impose restrictions on the amount of functions a certain device
can contain. However by allowing the same pins to share several different functions and providing a means of function
selection, a wide range of different functions can be incorporated into even relatively small package sizes.
· Pin-remapping Register List
Register
Name
Bit
76543210
PRM
PRML3
PRML2
PRML1
PRML0
¾
PRMS2
PRMS1
PRMS0
· PRM Register
¨ HT66F03C/HT68F03C/HT68F04C
Bit
76543210
Name
PRML3
PRML2
PRML1
PRML0
¾
PRMS2
PRMS1
PRMS0
R/W
R/W
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
0101
¾
000
Bit 7~4
PRML3~PRML0: pin-remapping function lock bits (default: 0101)
1010: PRM register write operation is enabled
Others: PRM register write operation is disabled
Bit 3
Unimplemented, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com