Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT3786D Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT3786D
Description  Li-ion Battery Charger
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3786D Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT3786D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3786D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3786D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3786D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3786D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HT3786D
Ver1.0
2
应用电路图
D1
1N5819
C1
220UF/16V
BAT+
BAT-
VDD
470
R1
C3
104
C2
104
S5
1
S4
2
S3
3
S2
4
S1
5
COM
6
GND
7
BTP
8
VDD
9
BTN
10
U1
HT3786D
L1
LED
图 1 HT3786D应用方案
工作模式
电源状态
电池状态
S1
S2
S3
S4
S5
电池检测
断开
BAT<3.8V
3.8≤BAT<4.0V
4.0≤BAT<4.15V
4.15≤BAT<4.25V
4.25≤BAT
电池空载
接入
断开
正常充电
接入
BAT<3.8V
浪涌
浪涌
浪涌
浪涌
3.8≤BAT<4.0V
浪涌
浪涌
浪涌
4.0≤BAT<4.15V
浪涌
浪涌
4.15≤BAT<4.25V
浪涌
4.25≤BAT
电池短路
接入
短路
表2 HT3786D工作状态表
注:电池状态参数为典型值



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com