Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554ADGVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554ADGVR
Description  REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9554ADGVR Datasheet HTML 3Page - Texas Instruments PCA9554ADGVR Datasheet HTML 4Page - Texas Instruments PCA9554ADGVR Datasheet HTML 5Page - Texas Instruments PCA9554ADGVR Datasheet HTML 6Page - Texas Instruments PCA9554ADGVR Datasheet HTML 7Page - Texas Instruments PCA9554ADGVR Datasheet HTML 8Page - Texas Instruments PCA9554ADGVR Datasheet HTML 9Page - Texas Instruments PCA9554ADGVR Datasheet HTML 10Page - Texas Instruments PCA9554ADGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
Device Address
0
1
1
1
A1
A2
A0
Slave Address
R/W
Fixed
Hardware
Selectable
Control Register and Command Byte
0
0
0
0
B1
B0
0
0
PCA9554A
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS127A – SEPTEMBER 2006 – REVISED FEBRUARY 2007
Figure 4 shows the address byte for the PCA9554A.
Figure 4. PCA9554A Address
Address Reference
INPUTS
I2C BUS SLAVE ADDRESS
A2
A1
A0
L
L
L
56 (decimal), 38 (hexadecimal)
L
L
H
57 (decimal), 39 (hexadecimal)
L
H
L
58 (decimal), 3A (hexadecimal)
L
H
H
59 (decimal), 3B (hexadecimal)
H
L
L
60 (decimal), 3C (hexadecimal)
H
L
H
61 (decimal), 3D (hexadecimal)
H
H
L
62 (decimal), 3E (hexadecimal)
H
H
H
63 (decimal), 3F (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. When it is high (1), a read
is selected. A low (0) selects a write operation.
Following the successful acknowledgment of the address byte, the bus master sends a command byte that is
stored in the control register in the PCA9554A. Two bits of this command byte state the operation (read or write)
and the internal register (input, output, polarity inversion or configuration) that will be affected. This register can
be written or read through the I2C bus. The command byte is sent only during a write transmission.
Once a command byte has been sent, the register that was addressed continues to be accessed by reads until
a new command byte has been sent.
Figure 5. Control Register Bits
Command Byte
CONTROL REGISTER BITS
COMMAND BYTE
POWER-UP
REGISTER
PROTOCOL
(HEX)
DEFAULT
B1
B0
0
0
0x00
Input Port Register
Read byte
XXXX XXXX
0
1
0x01
Output Port Register
Read/write byte
1111 1111
1
0
0x02
Polarity Inversion Register
Read/write byte
0000 0000
1
1
0x03
Configuration Register
Read/write byte
1111 1111
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com