Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5841BWM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5841BWM
Description  8-Bit Serial-Input Latched Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5841BWM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5841BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5841BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5841BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5841BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5841BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5841BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5841BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5841BWM Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
MIC5841/42
May 2006
4
M9999-050506
(408) 955-1690
Electrical Characteristics
At TA = –55°C VDD = 5V, VSS = VEE = 0V (unless otherwise noted)
Limits
Characteristic
Symbol
Test Conditions
Min
Max
Unit
Output Leakage Current
ICEX
VOUT = 80V
50
µA
IOUT = 100mA
1.3
IOUT = 200mA
1.5
Collector-Emitter Saturation Voltage
VCE(SAT)
IOUT = 350mA, VDD = 7.0V
1.8
V
VIN(0)
0.8
VDD = 12V
10.5
Input Voltage
VIN(1)
VDD = 5.0V
3.5
V
VDD = 12V
35
VDD = 10V
35
Input Resistance
RIN
VDD = 5.0V
35
kΩ
All Drivers ON, VDD = 12V
16
All Drivers ON, VDD = 10V
14
IDD(ON)
All Drivers ON, VDD = 5.0V
10
All Drivers OFF, VDD = 12V
3.5
Supply Current
IDD(OFF)
All Drivers OFF, VDD = 5.0V
2.0
mA
Electrical Characteristics
At TA = +125°C VDD = 5V, VSS = VEE = 0V (unless otherwise noted)
Limits
Characteristic
Symbol
Test Conditions
Min
Max
Unit
Output Leakage Current
ICEX
VOUT = 80V
500
µA
IOUT = 100mA
1.3
IOUT = 200mA
1.5
Collector-Emitter Saturation Voltage
VCE(SAT)
IOUT = 350mA, VDD = 7.0V
1.8
V
VIN(0)
0.8
VDD = 12V
10.5
Input Voltage
VIN(1)
VDD = 5.0V
3.5
V
VDD = 12V
50
VDD = 10V
50
Input Resistance
RIN
VDD = 5.0V
50
kΩ
All Drivers ON, VDD = 12V
16
All Drivers ON, VDD = 10V
14
IDD(ON)
All Drivers ON, VDD = 5.0V
8
All Drivers OFF, VDD = 12V
2.9
Supply Current
IDD(OFF)
All Drivers OFF, VDD = 5.0V
2.1.6
mA
MIC5841A VR = 50V
1.6
µA
Clamp Diode Leakage Current
IR
MIC5842A VR = 80V
100
Notes
:
1. For Inductive load applications.
2. Derate at the rate of 18.2mW/°C above TA = 25°C (Plastic DIP)
3. CMOS devices have input-static protection but are susceptible to damage when exposed to extremely high static electrical charges.
4. Operation of these devices with standard TTL may require the use of appropriate pull-up resistors to insure an input logic HIGH.
5. Not 100% tested. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com