Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4136DR Datasheet(PDF) 1 Page - Texas Instruments

Part # RC4136DR
Description  QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4136DR Datasheet(HTML) 1 Page - Texas Instruments

  RC4136DR Datasheet HTML 1Page - Texas Instruments RC4136DR Datasheet HTML 2Page - Texas Instruments RC4136DR Datasheet HTML 3Page - Texas Instruments RC4136DR Datasheet HTML 4Page - Texas Instruments RC4136DR Datasheet HTML 5Page - Texas Instruments RC4136DR Datasheet HTML 6Page - Texas Instruments RC4136DR Datasheet HTML 7Page - Texas Instruments RC4136DR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RC4136, RM4136, RV4136
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS072A – MARCH 1978 – REVISED JANUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Continuous Short-Circuit Protection
D Wide Common-Mode and Differential
Voltage Ranges
D No Frequency Compensation Required
D Low Power Consumption
D No Latch-Up
D Unity-Gain Bandwidth ...3 MHz Typ
D Gain and Phase Match Between Amplifiers
D Designed To Be Interchangeable With
Raytheon RC4136, RM4136, and RV4136
D Low Noise ...8 nV√Hz Typ at 1 kHz
description
The RC4136, RM4136, and RV4136 are quad
general-purpose operational amplifiers, with each
amplifier electrically similar to the
µA741, except
that offset null capability is not provided.
The high common-mode input voltage range and
the absence of latch-up make these amplifiers
ideal
for
voltage-follower
applications.
The
devices are short-circuit protected and the
internal frequency compensation ensures stability
without external components.
The RC4136 is characterized for operation from
0
°C to 70°C, the RM4136 is characterized for
operation over the full military temperature range
of
–55
°C to 125°C, and the RV4136 is
characterized for operation from –40
°C to 85°C.
symbol (each amplifier)
IN+
IN–
OUT
AVAILABLE OPTIONS
VIOMAX
PACKAGE
TA
VIOMAX
AT 25
°C
SMALL OUTLINE
CHIP CARRIER
CERAMIC DIP
PLASTIC DIP
FLAT
AT 25 C
(D)
(FK)
(J)
(N)
(W)
0
°C to 70°C
6 mV
RC4136D
—
—
RC4136N
—
–40
°C to 85°C
6 mV
RV4136D
—
—
RV4136N
—
–55
°C to 125°C
4 mV
—
RM4136FK
RM4136J
—
RM4136W
The D packages are available taped and reeled. Add the suffix R to the device type (e.g., RC4136DR).
The RM4136 and RV4136 are
obsolete and are no longer supplied.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1IN–
1IN+
1OUT
2OUT
2IN+
2IN–
VCC–
4IN–
4IN+
4OUT
VCC+
3OUT
3IN+
3IN–
RM4136 ...J OR W PACKAGE
ALL OTHERS ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4OUT
NC
VCC+
NC
3OUT
1OUT
NC
2OUT
NC
2IN+
RM4136 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - RC4136DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4136DR TI-RC4136DR Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - RC4136DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4136 TI-RC4136 Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA709C TI-UA709C Datasheet
93Kb / 6P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
UA741MU TI-UA741MU Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com