Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4580IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RC4580IP
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IP Datasheet(HTML) 1 Page - Texas Instruments

  RC4580IP Datasheet HTML 1Page - Texas Instruments RC4580IP Datasheet HTML 2Page - Texas Instruments RC4580IP Datasheet HTML 3Page - Texas Instruments RC4580IP Datasheet HTML 4Page - Texas Instruments RC4580IP Datasheet HTML 5Page - Texas Instruments RC4580IP Datasheet HTML 6Page - Texas Instruments RC4580IP Datasheet HTML 7Page - Texas Instruments RC4580IP Datasheet HTML 8Page - Texas Instruments RC4580IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RC4580
DUAL AUDIO OPERATIONAL AMPLIFIER
SLOS412C − APRIL 2003 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operating Voltage ... ±2 V to ±18 V
D Low Noise Voltage . . . 0.8 µVrms (TYP)
D Wide GBW . . . 12 MHz (TYP)
D Low THD... 0.0005% (TYP)
D Slew Rate ...5 V/µs (TYP)
D Suitable for Applications Such As Audio
Preamplifier, Active Filter, Headphone
Amplifier, Industrial Measurement
Equipment
D Drop-In Replacement for NJM4580
D Pin and Function Compatible With LM833,
NE5532, NJM4558/9, and NJM4560/2/5
description/ordering information
The RC4580 is a dual operational amplifier that has been designed optimally for audio applications, such as
improving tone control. It offers low noise, high gain bandwidth, low harmonic distortion, and high output current,
all of which make the device ideally suited for audio electronics, such as audio preamplifiers and active filters,
as well as industrial measurement equipment. When high output current is required, the RC4580 also can be
used as a headphone amplifier. Due to its wide operating supply voltage, the RC4580 also can be used in
low-voltage applications.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
RC4580IP
RC4580IP
SOIC (D)
Tube of 75
RC4580ID
R4580I
−40
°C to 85°C
SOIC (D)
Reel of 2500
RC4580IDR
R4580I
−40 C to 85 C
TSSOP (PW)
Tube of 150
RC4580IPW
R4580I
TSSOP (PW)
Reel of 2000
RC4580IPWR
R4580I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
D, P, OR PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - RC4580IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580IP TI-RC4580IP Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580IP TI-RC4580IP Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580IP TI-RC4580IP Datasheet
410Kb / 14P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580IP TI1-RC4580IP Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
RC4580IP TI-RC4580IP Datasheet
1Mb / 32P
RC4580 Dual Audio Operational Amplifier
NOVEMBER 2024
More results

Similar Description - RC4580IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI-RC4580 Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
Dual Audio Operational Amplifier
logo
Texas Instruments
RC4560 TI-RC4560 Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
Dual Audio Operational Amplifier
RC4580-Q1 TI1-RC4580-Q1 Datasheet
1,009Kb / 16P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com