Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2374IPWR
Description  FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2374IPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLV2374IPWR Datasheet HTML 1Page - Texas Instruments TLV2374IPWR Datasheet HTML 2Page - Texas Instruments TLV2374IPWR Datasheet HTML 3Page - Texas Instruments TLV2374IPWR Datasheet HTML 4Page - Texas Instruments TLV2374IPWR Datasheet HTML 5Page - Texas Instruments TLV2374IPWR Datasheet HTML 6Page - Texas Instruments TLV2374IPWR Datasheet HTML 7Page - Texas Instruments TLV2374IPWR Datasheet HTML 8Page - Texas Instruments TLV2374IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270D − MARCH 2001 − REVISED JANUARY 2005
2
WWW.TI.COM
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FAMILY PACKAGE TABLE(1)
DEVICE
NUMBER OF
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
DEVICE
NUMBER OF
CHANNELS
PDIP
SOIC
SOT-23
TSSOP
MSOP
SHUTDOWN
UNIVERSAL
EVM BOARD
TLV2370
1
8
8
6
—
—
Yes
TLV2371
1
8
8
5
—
—
—
Refer to the EVM
TLV2372
2
8
8
—
—
8
—
Refer to the EVM
Selection Guide
TLV2373
2
14
14
—
—
10
Yes
Selection Guide
(Lit# SLOU060)
TLV2374
4
14
14
—
14
—
—
(Lit# SLOU060)
TLV2375
4
16
16
—
16
—
Yes
TLV2370 and TLV2371 AVAILABLE OPTIONS(1)
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
†
SOT-23
PLASTIC DIP
TA
25
°C
SMALL OUTLINE
(D)†
(DBV)‡
SYMBOL
PLASTIC DIP
(P)
−40
°C to 125°C
4.5 mV
TLV2370ID
TLV2371ID
TLV2370IDBV
TLV2371IDBV
VBFI
VBGI
TLV2370IP
TLV2371IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2370IDR).
‡ This package is only available taped and reeled. For standard quantities (3,000 pieces per reel), add an R suffix (e.g., TLV2370IDBVR). For
smaller quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g., TLV2370IDBVT).
TLV2372 AND TLV2373 AVAILABLE OPTIONS(1)
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL
OUTLINE
MSOP
PLASTIC
DIP
PLASTIC
DIP
TA
25
°C
OUTLINE
(D)§
(DGK)§
SYMBOL
(DGS)§
SYMBOL
DIP
(N)
DIP
(P)
−40
°C
to
125
°C
4.5 mV
TLV2372ID
TLV2373ID
TLV2372IDGK
—
APG
—
—
TLV2373IDGS
—
API
—
TLV2373IN
TLV2372IP
—
§ This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2372IDR).
TLV2374 and TLV2375 AVAILABLE OPTIONS(1)
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
(D)¶
PLASTIC DIP
(N)
TSSOP
(PW)¶
−40
°C to 125°C
4.5 mV
TLV2374ID
TLV2375ID
TLV2374IN
TLV2375IN
TLV2374IPW
TLV2375IPW
¶ This package is available taped and reeled. To order this packaging option, add an R suffix to the part number
(e.g., TLV2374IDR).
1. For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com