Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPDZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL7650SCPDZ
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7650SCPDZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL7650SCPDZ Datasheet HTML 5Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 6Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 7Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 8Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 9Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 10Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 11Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 12Page - Intersil Corporation ICL7650SCPDZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN2920.10
April 12, 2007
FIGURE 13. INPUT OFFSET VOLTAGE CHANGE vs SUPPLY
VOLTAGE
FIGURE 14. INPUT OFFSET VOLTAGE vs CHOPPING
FREQUENCY
FIGURE 15. OUTPUT WITH ZERO INPUT; GAIN = 1000;
BALANCED SOURCE IMPEDANCE = 10k
Ω
FIGURE 16. OPEN LOOP GAIN AND PHASE SHIFT vs
FREQUENCY
Typical Performance Curves (Continued)
TOTAL SUPPLY VOLTAGE (V)
3
2
1
0
-1
-2
-3
46
8
10
12
14
16
CHOPPING FREQUENCY - CLOCK OUT (Hz)
8
6
4
2
10
100
1k
10k
0
TIME (ms)
20
0
20
123456789
FREQUENCY (Hz)
160
140
120
100
80
60
40
0.01
0.1
1
10
100
1k
10k
100k
130
110
90
70
50
20
RL = 10kΩ
CEXT = 0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com