Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF-2000 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SPF-2000
Description  Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPF-2000 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SPF-2000 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPF-2000 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPF-2000 Datasheet HTML 3Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
EDS-103295 Rev A
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza
Microdevices product for use in life-support devices and/or systems.
Copyright 2001 Sirenza Microdevices, Inc. All worldwide rights reserved.
http://www.sirenza.com
Phone: (800) SMI-MMIC
303 South Technology Court
Broomfield, CO 80021
Preliminary
Sirenza Microdevices’ SPF-2000 is a high linearity, low noise
0.25
µm pHEMT. This 300µm device is ideally biased at 3V,20mA
for lowest noise performance. At 5V,40mA the device delivers
excellent output TOI of 32 dBm. It provides ideal performance
as driver stages in many commercial, industrial and military
LNA applications.
Product Description
SPF-2000
Low Noise High Linearity
pHEMT GaAs FET
0.1 - 12 GHz Operation
Product Features
• 15 dB Gmax at 12GHz
• 1.25 dB F
MIN at 12 GHz
• +32 dBm Output IP3 at 12GHz
• +20 dBm Output Power at 1dB Compression
Applications
• High IP3 LNA for VSAT, LMDS, Cellular Systems
and Instrumentation
• Broadband Amplifiers
Typical Gain Performance
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Frequency (GHz)
3V, 20mA
5V, 40mA
Gmax
Gain
Sy m b o l
D e vice C h ar ac ter istic s:
T e s t C o ndition s ,
V d s = 3V, Id s = 20 m A , T = 25 °C
(un le s s othe r w is e no te d)
Te s t
F r e q ue nc y
Un its
Min .
Ty p .
Ma x .
Gm a x
Ma xi m u m A va i la b le G a i n [2 ]
Z
S = Z S *, Z L = Z L *1 .9 G H z
4.0 G H z
12 .0 G H z
dB
dB
dB
-
21
13
25
23
15
-
25
17
S
21
In s e rti o n G a in [2 ]
Z
S = Z L = 50 O h m s
1.9 G H z
dB
1 6
18
2 0
NF
MIN
Min i m u m N o i s e F i g u r e
Z
S = G a mma - o p t, Z L = Z L *2 . 0 G H z
4.0 G H z
12 .0 G H z
dB
dB
dB
-
-
-
0.5
0.6
1.2
-
-
-
P
1d B
O u tp u t 1 d B C o m p re s s i o n Po i n t
V
DS = 5 V ,
I
DS = 4 0 m A
V
DS = 3 V ,
I
DS = 2 0 m A
V
DS = 5 V ,
I
DS = 4 0 m A
V
DS = 3 V ,
I
DS = 2 0 m A
2.0 G H z
2.0 G H z
12 .0 G H z
12 .0 G H z
dB m
dB m
dB m
dB m
-
-
-
-
20 .0
15.0
21
18
-
-
-
-
G
1d B
G ain at 1dB C om pres s i on P o i n t
V
DS = 5 V ,
I
DS = 4 0 m A
V
DS = 3 V ,
I
DS = 2 0 m A
V
DS = 5 V ,
I
DS = 4 0 m A
V
DS = 3 V ,
I
DS = 2 0 m A
2.0 G H z
2.0 G H z
12 .0 G H z
12 .0 G H z
dB m
dB m
dB m
dB m
-
-
-
-
17.7
17.0
13.0
11 .0
-
-
-
-
OIP
3
O u tpu t T h ird O rde r In terc ep t P o i n t
V
DS = 5 V ,
I
DS = 40 m A
V
DS = 3 V ,
I
DS = 20 m A
V
DS = 5 V ,
I
DS = 40 m A
V
DS = 3 V ,
I
DS = 20 m A
2.0 G H z
2.0 G H z
12 .0 G H z
12 .0 G H z
dB m
dB m
dB m
dB m
-
-
-
-
32
28
32
30
-
-
-
-
I
DS S
S a tu ra te d D ra i n C u rre n t [2 ]
mA
3 0
8 5
1 4 0
V
P
P in c h off V olta ge [1 ]
V
DS = 2 V ,
I
DS = 0.150 m A
V
-1.5
-1.0
-0 .5
G
M
Tra ns c o nd uc ta nc e
V
GS = - 0.25V
m S
-
1 12
-
BV
GS
G ate to S ou rc e B reak do w n V o ltage [1 ]
I
GS = 0. 3 m A , dr ai n o pen
V
-
-1 7
-8
BV
GD
G ate to D rain B reak do w n V oltage [1]
I
GD = 0 . 3m A , V GS = -3 . 0 V
V
-
-1 7
-8
R
TH
T h e r m a l R e s ista n ce
C/W
1 1 0
V
DS
O pera ti n g V o ltage [3 ]
D ra in - so u rce
V
5 .5
I
DQ
O pera ti n g C u rren t [3 ]
D ra in - so u rce , q u i e sce n t
m A
5 5
P
DIS S
P o w e r D i ssip a ti o n [3 ]
W0 .2
[1] 100% tested - DC parameters tested on wafer.
[2] Sample tested - Samples pullled from each wafer lot. Sample test specifications are based on statistical data from sample test measurements.
[3] V
DS * IDQ < PDISS is recommended for continuous reliable operation.


Similar Part No. - SPF-2000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPF-2086T SIRENZA-SPF-2086T Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET 0.1 - 12 GHz Operation
logo
List of Unclassifed Man...
SPF-2086TK ETC1-SPF-2086TK Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET
logo
SIRENZA MICRODEVICES
SPF-2086TK SIRENZA-SPF-2086TK Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation
More results

Similar Description - SPF-2000

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CFH400 TRIQUINT-CFH400 Datasheet
493Kb / 6P
Low-Noise, High-Linearity Packaged pHEMT FET
logo
List of Unclassifed Man...
SPF-2086TK ETC1-SPF-2086TK Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET
logo
SIRENZA MICRODEVICES
SPF-2086T SIRENZA-SPF-2086T Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET 0.1 - 12 GHz Operation
SPF-3143 SIRENZA-SPF-3143 Datasheet
422Kb / 3P
Low Noise pHEMT GaAs FET
logo
Stanford Microdevices
SPF-3043 STANFORD-SPF-3043 Datasheet
171Kb / 3P
Low Noise pHEMT GaAs FET
logo
SIRENZA MICRODEVICES
SPF-2086TK SIRENZA-SPF-2086TK Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation
SPF-3043 SIRENZA-SPF-3043 Datasheet
153Kb / 4P
Low Noise pHEMT GaAs FET
SPF-3143Z SIRENZA-SPF-3143Z Datasheet
116Kb / 3P
Low Noise pHEMT GaAs FET
logo
Hittite Microwave Corpo...
HMC490 HITTITE-HMC490_09 Datasheet
265Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
logo
TriQuint Semiconductor
CFH800 TRIQUINT-CFH800_15 Datasheet
359Kb / 7P
Low-Noise, High-Linearity Packaged pHEMT FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com