Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4516B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4516B
Description  Binary up/down counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4516B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4516B Datasheet HTML 2Page - NXP Semiconductors HEF4516B Datasheet HTML 3Page - NXP Semiconductors HEF4516B Datasheet HTML 4Page - NXP Semiconductors HEF4516B Datasheet HTML 5Page - NXP Semiconductors HEF4516B Datasheet HTML 6Page - NXP Semiconductors HEF4516B Datasheet HTML 7Page - NXP Semiconductors HEF4516B Datasheet HTML 8Page - NXP Semiconductors HEF4516B Datasheet HTML 9Page - NXP Semiconductors HEF4516B Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
January 1995
8
Philips Semiconductors
Product specification
Binary up/down counter
HEF4516B
MSI
Minimum clock
5
95
45
ns
see also waveforms
Figs 6 and 7
pulse width; LOW
10
tWCPL
35
20
ns
15
25
15
ns
Minimum PL
5
105
55
ns
pulse width; HIGH
10
tWPLH
45
25
ns
15
35
15
ns
Minimum MR
5
120
60
ns
pulse width; HIGH
10
tWMRH
50
25
ns
15
40
20
ns
Recovery time
5
130
65
ns
for MR
10
tRMR
45
20
ns
15
30
15
ns
Recovery time
5
150
75
ns
for PL
10
tRPL
50
25
ns
15
30
15
ns
Set-up times
5
100
50
ns
Pn → PL
10
tsu
50
25
ns
15
40
20
ns
5
250
125
ns
UP/DN
→ CP
10
tsu
100
50
ns
15
75
35
ns
5
120
60
ns
CE
→ CP
10
tsu
40
20
ns
15
25
10
ns
Hold times
5
10
−40
ns
Pn → PL
10
thold
5
−20
ns
15
0
−20
ns
535
−90
ns
UP/DN
→ CP
10
thold
15
−35
ns
15
15
−25
ns
520
−40
ns
CE
→ CP
10
thold
5
−15
ns
15
5
−10
ns
Maximum clock
5
3
6
MHz
pulse frequency
10
fmax
7
14
MHz
15
9
18
MHz
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL
EXTRAPOLATION
FORMULA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com