Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP82C55A Datasheet(PDF) 23 Page - Intersil Corporation

Part # IP82C55A
Description  CMOS Programmable Peripheral Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP82C55A Datasheet(HTML) 23 Page - Intersil Corporation

Back Button IP82C55A Datasheet HTML 19Page - Intersil Corporation IP82C55A Datasheet HTML 20Page - Intersil Corporation IP82C55A Datasheet HTML 21Page - Intersil Corporation IP82C55A Datasheet HTML 22Page - Intersil Corporation IP82C55A Datasheet HTML 23Page - Intersil Corporation IP82C55A Datasheet HTML 24Page - Intersil Corporation IP82C55A Datasheet HTML 25Page - Intersil Corporation IP82C55A Datasheet HTML 26Page - Intersil Corporation IP82C55A Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
FN2969.10
November 16, 2006
Burn-In Circuits
CERDIP
NOTES:
1. VCC = 5.5V ± 0.5V
2. VIH = 4.5V
± 10%
3. VIL = -0.2V to 0.4V
4. GND = 0V
CLCC
NOTES:
1. C1 = 0.01
μF minimum
2. All resistors are 47k
Ω ± 5%
3. f0 = 100kHz
± 10%
4. f1 = f0
÷ 2; f2 = f1 ÷ 2; . . . ; f15 = f14 ÷ 2
F7
F8
F9
F4
F3
GND
F0
F1
F10
F6
F7
F8
F9
F6
F7
F8
F9
F10
F6
33
34
35
36
37
38
40
32
31
30
29
24
25
26
27
28
21
22
23
13
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
39
1
F12
F13
F14
F2
F5
F15
F11
F12
F13
F14
F15
F11
F12
VCC
F13
F14
F15
F11
F12
F11
C1
F10
GND
F0
F10
F6
F7
F8
F9
F10
F6
F1
14
13
12
11
10
9
8
7
17
16
15
2
5
30
35
39
38
37
36
33
34
32
31
29
4
6
3
1
40
41
42
43
44
28
27
26
25
24
23
22
21
20
19
18
F5
F15
F12
F13
F14
F15
F11
F12
F11
C1
82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com