Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4100 Datasheet(PDF) 1 Page - Texas Instruments

Part # S4100
Description  Multi-Function Reader Module Data Sheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

S4100 Datasheet(HTML) 1 Page - Texas Instruments

  S4100 Datasheet HTML 1Page - Texas Instruments S4100 Datasheet HTML 2Page - Texas Instruments S4100 Datasheet HTML 3Page - Texas Instruments S4100 Datasheet HTML 4Page - Texas Instruments S4100 Datasheet HTML 5Page - Texas Instruments S4100 Datasheet HTML 6Page - Texas Instruments S4100 Datasheet HTML 7Page - Texas Instruments S4100 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S4100 MULTI-FUNCTION READER MODULE
11-06-22-715 10/2003
1
Copyright
© 2003, Texas Instruments Incorporated
WWW.TI-RFID.COM
S4100 Multi-Function Reader Module Data Sheet
Figure 1. S4100 Multi-Function Reader Module
FEATURES:
•
USART for I/O Communication
•
Three General Purpose I/O lines
•
Dual Frequency Operation
o
134.4KHz
o
13.56 MHz
•
Multi-Protocol
o
TI RFid LF Products
o
TI RFid HF Tag-It
o
ISO 15693
o
ISO 14443 A/B
•
Custom Firmware Downloadable
•
Scalability/Modular Architecture
•
Power On-Reset Operation
•
Firmware Upgradable
APPLICATIONS:
•
Access Control
•
Vending Machines
•
Point of Sale Terminals
•
Printers
•
Wireless Payments
•
Handheld Devices
DESCRIPTION
Figure 2. S4100 MFR Block Diagram
Texas Instruments’ RFid
S4100 Multi-Function Reader
communicates with
transponders and
vicinity/proximity cards
compliant with ISO/IEC 14443
A/B and ISO/IEC 15693. It
also supports Texas
Instruments' Low Frequency
DST, Read-Only, and Read-
Write Transponders at
134.2kHz, along with Tag-it
High Frequency Transponders
at 13.56MHz. This is
accomplished through
dedicated RF Analog Front
End (AFE) sections controlled
by a high-performance 8-bit
Advanced RISC
microcontroller with a Harvard
architecture, onboard FLASH,
EEPROM, and SRAM. The
power and flexibility of this
platform offer a scalable
solution that can be fitted to a broad
range of applications.
The modular firmware architecture
makes it easy to produce and
download custom firmware to the unit,
and further simplifies integration into
new or existing products.
With support for a multitude of
contactless technologies, this module
is ideal for any contactless application,
and makes transitioning to new
technologies painless and transparent.


Similar Part No. - S4100

ManufacturerPart #DatasheetDescription
logo
Bahco
S410 BAHCO-S410 Datasheet
2Mb / 1P
1/4" and 1/2" Square Drive Socket Set with Metric Hex Profile and Combination Spanner Set
logo
Rohm
S4101 ROHM-S4101 Datasheet
664Kb / 13P
N-channel SiC power MOSFET bare die
S4102 ROHM-S4102 Datasheet
665Kb / 13P
N-channel SiC power MOSFET bare die
S4103 ROHM-S4103 Datasheet
665Kb / 13P
N-channel SiC power MOSFET bare die
S4105 ROHM-S4105 Datasheet
674Kb / 13P
N-channel SiC power MOSFET bare die
More results

Similar Description - S4100

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
MULTI-FUNCTION MODULE
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
MULTI-FUNCTION MODULE
761-18-004 QUALTEK-761-18-004 Datasheet
377Kb / 1P
MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
MULTI-FUNCTION MODULE
763-00-001 QUALTEK-763-00-001 Datasheet
436Kb / 1P
MULTI-FUNCTION MODULE
764-00-003 QUALTEK-764-00-003 Datasheet
386Kb / 1P
MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
logo
Contec Co., Ltd
CPS-MC341-ADSC1-111 CONTEC-CPS-MC341-ADSC1-111 Datasheet
540Kb / 3P
Multi-Function Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com