Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ14AL Datasheet(PDF) 1 Page - InterFET Corporation

Part # NJ14AL
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ14AL Datasheet(HTML) 1 Page - InterFET Corporation

  NJ14AL Datasheet HTML 1Page - InterFET Corporation NJ14AL Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-4
01/99
NJ14AL Process
Silicon Junction Field-Effect Transistor
¥ Low-Noise, High Gain Amplifier
¥ Rf AMP to 1.0 Ghz
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the NJ14AL Process.
Datasheet
IF140, IF140A
IF142
At 25°C free air temperature:
NJ14AL Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 15
– 22
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 2.0
– 100
pA
VGS = – 10V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.5
– 7
V
VGS = 10V, ID = 1 nA
Drain Saturation Current (Pulsed)
IDSS
0.5
10
20
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward Transconductance
gfs
5.5
mS
VDS = 10V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
2.3
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source Reverse Transfer Capacitance
Crss
0.5
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Equivalent Noise Voltage
¯eN
4
nV/
√HZ V
DS = 10 V, ID = 5 mA
f = 1 kHz
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
G
S-D
S-D
G
Die Size = 0.016" X 0.016"
All Round Bond Pads = 0.0028"
All Square Bond Pads = 0.004"
Substrate is also Gate.
Databook.fxp
1/13/99 2:09 PM
Page F-4


Similar Part No. - NJ14AL

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NJ1.5-PD-E02-1.250-V95 PF-NJ1.5-PD-E02-1.250-V95 Datasheet
271Kb / 2P
Inductive sensor
NJ1.5-PD-US-1.250-V93 PF-NJ1.5-PD-US-1.250-V93 Datasheet
270Kb / 2P
Inductive sensor
NJ10-22-N PF-NJ10-22-N Datasheet
197Kb / 2P
Inductive sensor
NJ10-22-N-G PF-NJ10-22-N-G Datasheet
180Kb / 2P
Inductive sensor
NJ10-22-N-G-5M PF-NJ10-22-N-G-5M Datasheet
180Kb / 2P
Inductive sensor
More results

Similar Description - NJ14AL

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ01 INTERFET-NJ01 Datasheet
125Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com