Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9421 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 55Page - NXP Semiconductors PCA9421 Datasheet HTML 56Page - NXP Semiconductors PCA9421 Datasheet HTML 57Page - NXP Semiconductors PCA9421 Datasheet HTML 58Page - NXP Semiconductors PCA9421 Datasheet HTML 59Page - NXP Semiconductors PCA9421 Datasheet HTML 60Page - NXP Semiconductors PCA9421 Datasheet HTML 61Page - NXP Semiconductors PCA9421 Datasheet HTML 62Page - NXP Semiconductors PCA9421 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
15.2 SOT1401-4 WLCSP25; reel dry pack, SMD, 7" Q1 standard product orientation
ordering code (12NC) ending 012
15.2.1 Dimensions and quantities
Reel dimensions
d × w (mm) [1]
SPQ/PQ
(pcs) [2]
Reels
per box
180 × 8
3000
1
Table 70. Dimensions and quantities
[1]
d = reel diameter; w = tape width.
[2]
Packing quantity dependent on specific product type. View ordering and availability details at NXP order portal, or contact your local NXP representative.
15.2.2 Product orientation
aaa-017857
ball 1
Ball 1 is in quadrant 1.
Figure 14. Product orientation in carrier tape
15.2.3 Carrier tape dimensions
K0
001aao148
A0
4 mm
T
P1
B0
W
direction of feed
Not drawn to scale.
Figure 15. Carrier tape dimensions
In accordance with IEC 60286-3/EIA-481.
A0 (mm)
B0 (mm)
K0 (mm)
T (mm)
P1 (mm)
W (mm)
2.27 ± 0.05
2.27 ± 0.05
0.67 ± 0.05
0.25 ± 0.02
4.0 ± 0.10
8 +0.30/-0.10
Table 71. Carrier tape dimensions
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
59 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com