Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP358 Datasheet HTML 7Page - Diodes Incorporated AP358 Datasheet HTML 8Page - Diodes Incorporated AP358 Datasheet HTML 9Page - Diodes Incorporated AP358 Datasheet HTML 10Page - Diodes Incorporated AP358 Datasheet HTML 11Page - Diodes Incorporated AP358 Datasheet HTML 12Page - Diodes Incorporated AP358 Datasheet HTML 13Page - Diodes Incorporated AP358 Datasheet HTML 14Page - Diodes Incorporated AP358 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
12 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
Application Information
The AP358 series are op amps which operate with only a
single power supply voltage, have true-differential inputs, and
remain in the linear mode with an input common-mode voltage of
0 VDC. These amplifiers operate over a wide range of power
supply voltage with little change in performance characteristics.
At 25°C amplifier operation is possible down to a minimum supply
voltage of 2.3 VDC.
Precautions should be taken to insure that the power
supply for the integrated circuit never becomes reversed in
polarity or that the unit is not inadvertently installed backwards in
a test socket as an unlimited current surge through the resulting
forward diode within the IC could cause fusing of the internal
conductors and result in a destroyed unit.
Large
differential
input
voltages
can
be
easily
accommodated and, as input differential voltage protection
diodes are not needed, no large input currents result from large
differential input voltages. The differential input voltage may be
larger than V
+ without damaging the device. Protection should be
provided to prevent the input voltages from going negative more
than -0.3 VDC (at 25°C). An input clamp diode with a resistor to
the IC input terminal can be used.
To reduce the power supply current drain, the amplifiers
have a class A output stage for small signal levels which converts
to class B in a large signal mode. This allows the amplifiers to
both source and sink large output currents. Therefore both NPN
and PNP external current boost transistors can be used to extend
the power capability of the basic amplifiers. The output voltage
needs to raise approximately 1 diode drop above ground to bias
the on-chip vertical PNP transistor for output current sinking
applications.
For ac applications, where the load is capacitively coupled
to the output of the amplifier, a resistor should be used, from the
output of the amplifier to ground to increase the class A bias
current and prevent crossover distortion. Where the load is
directly coupled, as in dc applications, there is no crossover
distortion.
Capacitive loads which are applied directly to the output of
the amplifier reduce the loop stability margin. Values of 50pF can
be accommodated using the worst-case non-inverting unity gain
connection. Large closed loop gains or resistive isolation should
be used if larger load capacitance must be driven by the
amplifier.
The bias network of the AP358 establishes a drain current
which is independent of the magnitude of the power supply
voltage over the range of 3 VDC to 30 VDC.
Output short circuits either to ground or to the positive
power supply should be of short time duration. Units can be
destroyed, not as a result of the short circuit current causing
metal fusing, but rather due to the large increase in IC chip
dissipation which will cause eventual failure due to excessive
function temperatures. Putting direct short-circuits on more than
one amplifier at a time will increase the total IC power dissipation
to destructive levels, if not properly protected with external
dissipation limiting resistors in series with the output leads of the
amplifiers. The larger value of output source current which is
available at 25°C provides a larger output current capability at
elevated temperatures (see typical performance characteristics)
than a standard IC op amp.
The circuits presented in the section on typical
applications emphasize operation on only a single power supply
voltage. If complementary power supplies are available, all of the
standard op amp circuits can be used. In general, introducing a
pseudo-ground (a bias voltage reference of V
+/2) will allow
operation above and below this value in single power supply
systems. Many application circuits are shown which take
advantage of the wide input common-mode voltage range which
includes ground. In most cases, input biasing is not required and
input voltages which range to ground can easily be
accommodated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com