Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60KS200C Datasheet(PDF) 1 Page - Protek Devices

Part # 60KS200C
Description  SHIPBOARD/ AC POWER BUS VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

60KS200C Datasheet(HTML) 1 Page - Protek Devices

  60KS200C Datasheet HTML 1Page - Protek Devices 60KS200C Datasheet HTML 2Page - Protek Devices 60KS200C Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHIPBOARD/ AC POWER BUS VOLTAGE SUPPRESSOR
1
05026.R6 2/07
www.protekdevices.com
60KS200C
thru
90KS200C
APPLICATIONS
✔ AC Power Protection
✔ Shipboard (Line-Line) Protection
✔ Differential AC Power Bus
✔ Aircraft AC Power Bus
IEC COMPATIBILITY (EN61000-4)
✔ Meets the Following Military Specifications:
- DOD-STD-1399
- MIL-STD-704A
✔ 60 & 90 kilowatts Peak Pulse Power per Line (tp=1.2/50µs)
✔ Each Device 100% Tested
✔ 200 Volts Bidirectional
MECHANICAL CHARACTERISTICS
✔ Hermetically Sealed Glass to Metal Sub-Assemblies
✔ Weight 50 grams (Approximate)
✔ Flammability Rating UL 94V-0
✔ Device Marking: Logo & Part Number
✔ Screening Available Upon Request - The 60 & 90KS series can be screened upon
request for military requirements in accordance with MIL-PRF-19500 (applicable test).
Standard screening is available based on the following options:
H1 - Submodule Screening per test plans 05231 & 05232
H2 - Submodule & Module Screening per test plan 05233
H3 - Submodule & Module Screening, Module Group B & C Lot Testing
per test plans 05234 & 05235
60KS200C
90KS200C
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
T
L
T
STG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 1.2/50µs) - See Fig. 1
PPP
60 & 90
kilowatts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Steady State Power Disspiation @ 50°C
T
A
10.0
Amps


Similar Part No. - 60KS200C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
60KS200C SEMTECH-60KS200C Datasheet
23Kb / 2P
60,000 & 90,000 Watt TVS Module
logo
Microsemi Corporation
60KS200C MICROSEMI-60KS200C Datasheet
71Kb / 2P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Protek Devices
60KS200C PROTEC-60KS200C Datasheet
104Kb / 3P
SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
logo
Sensitron
60KS200C SENSITRON-60KS200C Datasheet
67Kb / 3P
60KW / 90KW Bi-directional Series
logo
Protek Devices
60KS200C PROTEC-60KS200C Datasheet
430Kb / 6P
shipboard/ac power bus voltage suppressor
More results

Similar Description - 60KS200C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
60KS PROTEC-60KS Datasheet
104Kb / 3P
SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
PHP84-PHP500 PROTEC-PHP84-PHP500 Datasheet
72Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4-PHP500 PROTEC-PHP8.4-PHP500 Datasheet
61Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_10 Datasheet
430Kb / 6P
shipboard/ac power bus voltage suppressor
PHP8.4 PROTEC-PHP8.4 Datasheet
377Kb / 5P
ac power bus voltage suppressor
2700SM78CA PROTEC-2700SM78CA Datasheet
364Kb / 5P
POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_12 Datasheet
431Kb / 6P
SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4 PROTEC-PHP8.4_12 Datasheet
379Kb / 5P
AC POWER BUS VOLTAGE SUPPRESSOR
2700SM78CA PROTEC-2700SM78CA_12 Datasheet
364Kb / 5P
POWER BUS VOLTAGE SUPPRESSOR
100KS200CNH PROTEC-100KS200CNH Datasheet
282Kb / 5P
shipboard/ac power bus voltage suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com