Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC4532F-220L Datasheet(PDF) 2 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # AC4532F-220L
Description  Chip Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

AC4532F-220L Datasheet(HTML) 2 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  AC4532F-220L Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. AC4532F-220L Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.fpe.com.cn
5、电性规格 Specification
6、焊接和安装 Soldering and Mounting
6-1. Soldering
6.2 Solder re-flow:
6.3 Soldering Iron(Figure 2):
7、包装信息 Packaging Information
Part Number
Inductance(uH)
[100kHz/0.1V]
-30% / +50%
DC Resistance
(Ω)Max.
Common mode
Impedance (Ω)
[
Test Frequency
100MHz]
Rated
Current
(mA)
Rated Volt.
(Vdc)
Withstand Volt.
(Vdc)
max.
IR(Ω) min.
AC4532F-110L
11
0.6
600TYP
250
50
125
10M
AC4532F-220L
22
1.0
1200 TYP
200
50
125
10M
AC4532F-510L
51
1.0
2800 TYP
200
50
125
10M
AC4532F-101L
101
2.0
5800 TYP
150
50
125
10M
AC4532F-201L
201
4.5
/
110
50
125
10M
Series
Chip/Reel
Carton
4532F
2500
25000
Recommended temperature profiles for re-flow soldering in Figure 1.
Mildly activated rosin fluxes are preferred. FPE terminations are suitable for all wave and re-flow soldering systems.
If hand soldering cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
Products attachment with a soldering iron is discouraged due to the inherent process control limitations. In the event
that a soldering iron must be employed the following precautions are recommended.
‧Preheat circuit and products to 150℃
‧Never contact the ceramic with the iron tip
‧Use a 20 watt soldering iron with tip diameter of 1.0mm
‧350℃ tip temperature (max)
‧1.0mm tip diameter (max)
‧Limit soldering time to 4~5 sec.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com