Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1212 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1212
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1212 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1212 Datasheet HTML 1Page - Diodes Incorporated AP1212 Datasheet HTML 2Page - Diodes Incorporated AP1212 Datasheet HTML 3Page - Diodes Incorporated AP1212 Datasheet HTML 4Page - Diodes Incorporated AP1212 Datasheet HTML 5Page - Diodes Incorporated AP1212 Datasheet HTML 6Page - Diodes Incorporated AP1212 Datasheet HTML 7Page - Diodes Incorporated AP1212 Datasheet HTML 8Page - Diodes Incorporated AP1212 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1212
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
4 of 12
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Operating Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
+2.7 to +5.5
V
TOP
Operating Junction Temperature
-40 to +125
°C
ΘJA
Thermal Resistance SOP Junction to Ambient
165
°C/W
ΘJC
Thermal Resistance SOP Junction to Case
26
°C/W
Note:
3. Exceeding the absolute maximum rating may damage the device.
4. The device is not guaranteed to function outside its operating rating.
Electrical Characteristics (Under the conditions of V
IN =+5V and TA =25
oC, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Switch off, OUT = open (Note 6)
0.50
5
µA
ICC
Supply Current
All switches on, OUT = open
(Note 6)
110
160
µA
VIT
Enable Input Threshold
(Note 6)
0.8
1.7
2.40
V
IEN
Enable Input Current
VEN = 0V to 5.5V
-1
±0.01
1
µA
CEN
Enable Input Capacitance
1
pF
RDS(ON)
Switch Resistance
VIN = 2.7V ~ 5.5V, IOUT =
500mA, each switch
110
140
m
Ω
TOND
Output Turn-On Delay
RL = 10Ω each output
30
µS
TR
Output Turn-On Rise Time
RL = 10Ω each output
1
mS
TOFFD
Output Turnoff Delay
RL = 10Ω each output
0.5
10
µS
TF
Output Turnoff Fall Time
RL = 10Ω each output
0.5
10
µS
ILEAK
Output Leakage Current
Each output (output disabled)
10
µA
IOUT
Continuous Load Current
Each output
0.6
A
IOS
Short-circuit Current Limit
Each output (enable into load),
VOUT = 0V
0.8
1.0
1.25
A
ILIM
Current-Limit Threshold
Ramped load applied to
enabled output
1.0
1.2
1.4
A
TJ increasing
140
°C
TTS
Over-temperature
Shutdown Threshold
TJ decreasing
130
°C
VIN = 5V, IL = 10mA
10
25
Ω
RFO
Error Flag Output
Resistance
VIN = 3.3V, IL = 10mA
15
40
Ω
IFOH
Error Flag Off Current
VFLAG = 5V
0.01
1
µA
VIN = increasing
2.5
V
UVLO
UVLO Threshold
VIN = decreasing
2.3
V
Note:
5. Devices are ESD sensitive. Handling precautions are recommended. Human Body model, tested per JEDEC 22-A114.
Machine model, tested per JEDEC 22-A115.
6. Off is VEN≦0.8V and on is VEN≧2.4V for the AP1212H. Off is VEN≧2.4V and on is VEN≦0.8V for the AP1212L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com