Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1580 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1580
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1580 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1580 Datasheet HTML 1Page - Diodes Incorporated AP1580 Datasheet HTML 2Page - Diodes Incorporated AP1580 Datasheet HTML 3Page - Diodes Incorporated AP1580 Datasheet HTML 4Page - Diodes Incorporated AP1580 Datasheet HTML 5Page - Diodes Incorporated AP1580 Datasheet HTML 6Page - Diodes Incorporated AP1580 Datasheet HTML 7Page - Diodes Incorporated AP1580 Datasheet HTML 8Page - Diodes Incorporated AP1580 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1580
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
2 of 9
JANUARY 2007
www.diodes.com
© Diodes Incorporated
AP1580
1
2
3
7
6
5
4
8
(Top View )
GND
GND
Vcc
Vcc
EN
FB
Vboost
Output
SOP-8L
Pin
Name
Pin #
Description
EN
1
H: Normal operation
L: Step-down operation stopped
FB
2
Feedback pin
Vboost
3
High-side gate driver boost pin
Output
4
Switch output pin
Vcc
5、6 Signal Vcc
GND
7、8 GND pin
Block Diagram
Oscillation
Circuit
Reference Voltage
PWM - Switched
Control Circuit
+
-
GND
EN
Output
FB
Vboost
Vcc
V
EN
Driver
Thermal
Shutdown
VL
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com