Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1605 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1605
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1605 Datasheet HTML 1Page - Diodes Incorporated AP1605 Datasheet HTML 2Page - Diodes Incorporated AP1605 Datasheet HTML 3Page - Diodes Incorporated AP1605 Datasheet HTML 4Page - Diodes Incorporated AP1605 Datasheet HTML 5Page - Diodes Incorporated AP1605 Datasheet HTML 6Page - Diodes Incorporated AP1605 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1605
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
REGULATOR
AP1605 Rev. 1
2 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
( Top View )
1
2
3
4
8
7
6
5
FB
SW
Vcc
SOP-8L
AP1605
SW
Vss
Vss
PVcc
CE
Pin No.
Pin
Name
SOP
Description
FB
1
Feedback pin
CE
2
Chip Enable:
H: Enable
L: Disable
Vcc
3
IC signal power supply pin,
add a 10Ω resistor to PVcc
and a 0.1µF capacitor to
GND.
PVcc
4
IC power supply pin
SW
5, 6
Switch Pin. Connect
external inductor/diode
here. Minimize trace area at
this pin to reduce EMI.
Vss
7, 8
GND Pin
Block Diagram
Oscillation
Circuit
Reference Voltage
Source
PWM /PFM -Switched
Control Circuit
+
-
AP1605
VSS
FB
PVCC
SW
VCC
CE
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com