Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1609SL-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1609SL-13
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1609SL-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1609SL-13 Datasheet HTML 1Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 2Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 3Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 4Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 5Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 6Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 7Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1609
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
3 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
VIN Pin Voltage
VCC
-0.3 ~ 7
V
FB Pin Voltage
VFB
-0.3 ~ VCC +0.3
V
CE Pin Voltage
VCE
-0.3 ~ VCC +0.3
V
Switch Voltage (LX to GND)
VSW
-0.3 ~ 18
V
Switch Current
ILX
-3 ~ 0.2
A
Continuous Total Power
Dissipation
Pd
1200
mW
Operating Ambient
Temperature
Topr
-20 ~ +80
oC
Storage Temperature
Tstg
-20 ~ +125
oC
Electrical Characteristics
AP1609
( FOSC = 300kHz, VOUT = 5V )
Ta = 25
oC
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
FB Voltage
VFB
1.20
1.23
1.26
V
Input Voltage
VCC
2.5
-
6
V
Output Voltage
VOUT
3.0
-
17
V
Maximum Switching
Output Current
IOUT
2.4
-
-
A
Drain-Source On-State
Resistance
RDS (ON)
ID = 2.4A
-
100
-
mΩ
Quiescent Current
ICCQ
No Load, FB = 2V, CE = High
-
80
130
µA
Shutdown Current
ISD
No Load, CE = Low
-
1
-
µA
Oscillator Frequency
Fosc
Measuring of EXT Waveform,
VIN = Output Voltage +0.3V
240
300
360
kHz
Maximum Duty Ratio
MAXDTY
80
-
-
%
PFM Duty Ratio
PFMDTY
No Load
15
25
35
%
CE “High” Voltage
VCEH
No External Components,
VFB = 0V,
Apply 0.65VCC (min.) to CE,
Chip Enable
0.65
-
-
*VCC
CE “Low” Voltage
VCEL
Same as VCEH, Chip Disable
-
-
0.20
*VCC
Efficiency
EFFI
-
91
-
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com