Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1701 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1701
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1701 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1701 Datasheet HTML 1Page - Diodes Incorporated AP1701 Datasheet HTML 2Page - Diodes Incorporated AP1701 Datasheet HTML 3Page - Diodes Incorporated AP1701 Datasheet HTML 4Page - Diodes Incorporated AP1701 Datasheet HTML 5Page - Diodes Incorporated AP1701 Datasheet HTML 6Page - Diodes Incorporated AP1701 Datasheet HTML 7Page - Diodes Incorporated AP1701 Datasheet HTML 8Page - Diodes Incorporated AP1701 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1701/2/3/4
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
1 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
•
Precision Monitoring of +2.5V, +3V, +3.3V, and +5V
Power-Supply Voltages
•
Fully Specified Over Temperature
•
Available in three Output Configurations
•
Push-Pull
RESET Low Output (AP1701/3)
•
Push-Pull
RESET High Output (AP1702/4)
•
200ms Min. Power-On Reset Pulse Width
•
20µA Supply Current (Typ.)
•
Guaranteed Reset Valid to VCC = +1V
•
Power Supply Transient Immunity
•
No External Components
•
Green Package: SC59-3L
•
Lead Free Finish / RoHS Compliant (Note1)
The AP1701/2/3/4 are used for microprocessor (µP) supervisory
circuits to monitor the power supplies in µP and digital systems.
They provide excellent circuit reliability and low cost by
eliminating external components and adjustments when used
with +5V, +3.3V, +3.0V powered circuits.
These circuits perform a single function: they assert a reset
signal whenever the VCC supply voltage declines below a preset
threshold, keeping it asserted for at least 240ms after VCC has
risen above the reset threshold. Reset thresholds suitable for
operation with a variety of supply voltages are available. The
AP1701/2/3/4 have push pull outputs. The AP1701/3 have an
active low
RESET output, while the AP1702/4 has an active
high RESET output. The reset comparator is designed to ignore
fast transients on VCC, and the outputs are guaranteed to be in
the correct logic state for VCC down to 1V. Low supply current
makes the AP1701/2/3/4 ideal for use in portable equipment. The
AP1701/2/3/4 is available in a 3-pin SC59 package.
•
Computers
•
Controllers
•
Intelligent Instruments
•
Critical µP and µC Power Monitoring
•
Portable/Battery Powered Equipment
•
Automotive
AP170X X X X X
Voltage
Package
Packing
A : 4.63
B : 4.38
C: 4.00
D: 3.08
E : 2.93
F: 2.63
G : 2.25
W: SC59
-7 : Taping
Enable
1 : Active-Low
2: Active-High
3 : Active-Low
4: Active-High
Lead Free
L : Lead Free
G : Green
Notes: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Notes: 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
7” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP170XXW
W
SC59
3000/Tape & Reel
-7


Similar Part No. - AP1701

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev.1.0 May. 7, 2004
AP1701AW ANACHIP-AP1701AW Datasheet
165Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev.1.0 May. 7, 2004
AP1701AWL ANACHIP-AP1701AWL Datasheet
165Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev.1.0 May. 7, 2004
AP1701BW ANACHIP-AP1701BW Datasheet
165Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev.1.0 May. 7, 2004
AP1701BWL ANACHIP-AP1701BWL Datasheet
165Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev.1.0 May. 7, 2004
More results

Similar Description - AP1701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com