Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS32KMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS32KMSR
Description  Radiation Hardened Quad 2-Input OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS32KMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCS32KMSR Datasheet HTML 1Page - Intersil Corporation HCS32KMSR Datasheet HTML 2Page - Intersil Corporation HCS32KMSR Datasheet HTML 3Page - Intersil Corporation HCS32KMSR Datasheet HTML 4Page - Intersil Corporation HCS32KMSR Datasheet HTML 5Page - Intersil Corporation HCS32KMSR Datasheet HTML 6Page - Intersil Corporation HCS32KMSR Datasheet HTML 7Page - Intersil Corporation HCS32KMSR Datasheet HTML 8Page - Intersil Corporation HCS32KMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN3057.1
April 11, 2007
AC Electrical Performance Characteristics
PARAMETER
SYMBOL
TEST
CONDITIONS
(NOTES 5, 6)
GROUP A
SUBGROUPS
TEMP (°C)
LIMITS
UNITS
MIN
MAX
Input to Output
TPHL
VCC = 4.5V
9
+25
2
18
ns
10, 11
+125, -55
2
20
ns
Data to Output
TPLH
VCC = 4.5V
9
+25
2
20
ns
10, 11
+125, -55
2
22
ns
NOTES:
5. All voltages referenced to device GND.
6. AC measurements assume RL = 500
Ω, CL = 50pF, Input tr = tf = 3ns, VIL = GND, VIH = VCC.
Electrical Performance Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
NOTES
TEMP (°C)
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
7
+25
-
6
pF
7
+125, -55
-
11
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
7
+25
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
7
+25
-
15
ns
7
+125
-
22
ns
NOTES:
7. The parameters listed in the Electrical Performance Characteristics are controlled via design or process parameters. Min and Max Limits are
guaranteed but not directly tested. These parameters are characterized upon initial design release and upon design changes which affect these
characteristics.
DC Post Radiation Electrical Performance Characteristics
PARAMETER
SYMBOL
(NOTES 8, 9)
TEST CONDITIONS
TEMPERATURE
(°C)
200k RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25
-
0.2
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25
4.0
-
mA
Output Current (Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V,
VIH = 0.70(VCC), VIL = 0.30(VCC),
IOL = 50
μA
+25
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V,
VIH = 0.70(VCC), VIL = 0.30(VCC),
IOH = -50
μA
+25
VCC - 0.1
-
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25
-
±5
μA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), (Note 10)
+25
-
-
-
HCS32MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com