Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7129CPL Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7129CPL
Description  4쩍 Digit LCD, Single-Chip A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7129CPL Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7129CPL Datasheet HTML 1Page - Intersil Corporation ICL7129CPL Datasheet HTML 2Page - Intersil Corporation ICL7129CPL Datasheet HTML 3Page - Intersil Corporation ICL7129CPL Datasheet HTML 4Page - Intersil Corporation ICL7129CPL Datasheet HTML 5Page - Intersil Corporation ICL7129CPL Datasheet HTML 6Page - Intersil Corporation ICL7129CPL Datasheet HTML 7Page - Intersil Corporation ICL7129CPL Datasheet HTML 8Page - Intersil Corporation ICL7129CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Functional Block Diagram
Typical Application Schematic
LOW BATTERY CONTINUITY
SEGMENT DRIVES
BACKPLANE
DRIVES
ANNUNCIATOR DRIVE
LATCH, DECODE DISPLAY MULTIPLEXER
UP/DOWN RESULTS COUNTER
SEQUENCE COUNTER/DECODER
CONTROL LOGIC
OSC3
OSC2
OSC1
ANALOG SECTION
VDISP
DP1
DP2
UR
DP3
OR
DP3
DGND
V-
V+
CONT
L/H
RANGE
+
ICL7129
150k
Ω
10k
Ω
+
-
9V
1.0
µF
0.1
µF
20K
100k
Ω
+
-
VIN
6.8
µF
ICL8069
V+
V+
270K
10pF
5pF
0.1
µF
560pF
120kHz
LOW BATTERY CONTINUITY
1.2k
Ω
(MICA)
(MICA)
ICL7129



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com