Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC856A
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856A Datasheet(HTML) 2 Page - Diodes Incorporated

  BC856A Datasheet HTML 1Page - Diodes Incorporated BC856A Datasheet HTML 2Page - Diodes Incorporated BC856A Datasheet HTML 3Page - Diodes Incorporated BC856A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS11207 Rev. 18 - 2
2 of 4
www.diodes.com
BC856A-BC858C
© Diodes Incorporated
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage (Note 4)
BC856
BC857
BC858
V(BR)CBO
-80
-50
-30
—
—
—
—
—
—
V
IC = 10μA, IB = 0
B
Collector-Emitter Breakdown Voltage (Note 4)
BC856
BC857
BC858
V(BR)CEO
-65
-45
-30
—
—
—
—
—
—
V
IC = 10mA, IB = 0
B
Emitter-Base Breakdown Voltage (Note 4)
V(BR)EBO
-5
—
—
V
IE = 1μA, IC = 0
H-Parameters
Small Signal Current Gain
Current Gain Group A
B
C
Input Impedance
Current Gain Group A
B
C
Output Admittance
Current Gain Group A
B
C
Reverse Voltage Transfer Ratio
Current Gain Group A
B
C
hfe
hfe
hfe
hie
hie
hie
hoe
hoe
hoe
hre
hre
hre
—
—
—
—
—
—
—
—
—
—
—
—
200
330
600
2.7
4.5
8.7
18
30
60
1.5x10
-4
2x10
-4
3x10
-4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
k
Ω
k
Ω
k
Ω
µS
µS
µS
—
—
—
VCE = -5.0V, IC = -2.0mA,
f = 1.0kHz
DC Current Gain (Note 4)
Current Gain Group A
B
C
hFE
125
220
420
180
290
520
250
475
800
—
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage (Note 4)
VCE(SAT)
—
-75
-250
-300
-650
mV
IC = -10mA, IB = -0.5mA
B
IC = -100mA, IB
B
= -5.0mA
Base-Emitter Saturation Voltage (Note 4)
VBE(SAT)
—
—
-700
-850
—
mV
IC = -10mA, IB = -0.5mA
B
IC = -100mA, IB
B
= -5.0mA
Base-Emitter Voltage (Note 4)
VBE(ON)
-600
—
-650
—
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current (Note 4)
BC856
BC857
BC858
ICES
ICES
ICES
ICBO
ICBO
—
—
—
—
—
—
—
—
—
—
-15
-15
-15
-15
-4.0
nA
nA
nA
nA
µA
VCE = -80V
VCE = -50V
VCE = -30V
VCB = -30V
VCB = -30V, TA = 150°C
Gain Bandwidth Product
fT
100
200
—
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
3
—
pF
VCB = -10V, f = 1.0MHz
Noise Figure
NF
—
2
10
dB
VCE = -5.0V, IC = 200µA,
RS = 2kΩ, f = 1kHz, Δf = 200Hz
Notes:
4.
Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com