Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1117D
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117D Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1117D Datasheet HTML 1Page - Diodes Incorporated AP1117D Datasheet HTML 2Page - Diodes Incorporated AP1117D Datasheet HTML 3Page - Diodes Incorporated AP1117D Datasheet HTML 4Page - Diodes Incorporated AP1117D Datasheet HTML 5Page - Diodes Incorporated AP1117D Datasheet HTML 6Page - Diodes Incorporated AP1117D Datasheet HTML 7Page - Diodes Incorporated AP1117D Datasheet HTML 8Page - Diodes Incorporated AP1117D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 6
3 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 18
V
TOP
Operating Junction Temperature Range
(Commercial Grade)
0 to +125
oC
TMJ
Maximum Junction Temperature
150
oC
PD
Power Dissipation
SOT89-3L
SOT223-3L
TO220-3L
TO252-3L
TO263-3L
Internally limited by
maximum junction
temperature
of 150 oC (Note 4)
mW
TST
Storage Temperature
-65 to +150
oC
Note:
4. AP1117 contains an internal thermal limiting circuit that is designed to protect the regulator in the event that the maximum junction temperature
exceeded. When activated, typically at 150
°C, the regulator output switches off and then back on as the die cools.
3
Thermal
Shutdown
1
2
Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
+
1
GND
(FIXED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com