Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448_ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBD4448_
Description  SURFACE MOUNT SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD4448_ Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBD4448_ Datasheet HTML 1Page - Diodes Incorporated MMBD4448_ Datasheet HTML 2Page - Diodes Incorporated MMBD4448_ Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS12011 Rev. 11 - 2
2 of 3
MMBD4448
www.diodes.com
0.1
1
10
100
1000
10000
0
20
40
60
80
100
V , REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
10
100
1000
1
0.1
0
1.6
1.2
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
T = 125ºC
A
T = -40ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
KA3 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KA3
Marking Information
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MMBD4448-7-F
SOT-23
3000/Tape & Reel
Ordering Information
Date Code Key
(Note 4)
0
0.5
1
2.5
2
1.5
3
0
10
20
40
30
50
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Capacitance vs. Reverse Voltage
f = 1MHz
Year
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
K
L
M
N
P
R
S
T
U
V
W
0
100
100
200
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4, Max Power Dissipation vs
Ambient Temperature
200
300
500
0
400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com