Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2D10120A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C2D10120A
Description  SiC Schottky DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C2D10120A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C2D10120A Datasheet HTML 1Page - Inchange Semiconductor Company Limited C2D10120A Datasheet HTML 2Page - Inchange Semiconductor Company Limited C2D10120A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCD7005
eq C2D10120A
SiC Schottky DIODE
www.iscsemi.com
1
FEATURES
·
High-Frequency Operation
·
Temperature Independent Swithing Behavior
·
Zero Forward Recovery Voltage
·
Zero Reverse Recovery Current
APPLICATIONS
·
Motor Drives
·
Switch Mode Power Supplies
·
Power Factor Correction
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRSM
VDC
Peak Repetitive Reverse Voltage
Surge Peak Reverse Voltage
DC Blocking Voltage
1200
V
IF
Continuous Forward Current,
TC=25℃
TC=135℃
TC=152℃
31
14.5
10
A
IFRM
Repetitive Peak Forward Surge Current,TC=25℃,
tp=10 ms, Half Sine Wave
50
A
IFSM
Non-repetitive Peak Surge Current,TC=25℃,
tp=10us, Pulse
250
A
PD
Power Dissipation
,TC=25℃
312
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - C2D10120A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2D10120A ETC1-C2D10120A Datasheet
430Kb / 5P
Silicon Carbide Schottky Diode
logo
Cree, Inc
C2D10120A CREE-C2D10120A Datasheet
462Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
More results

Similar Description - C2D10120A

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com