Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1DC20S30 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HT1DC20S30
Description  HITAG 1 stick transponder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1DC20S30 Datasheet(HTML) 2 Page - NXP Semiconductors

  HT1DC20S30 Datasheet HTML 1Page - NXP Semiconductors HT1DC20S30 Datasheet HTML 2Page - NXP Semiconductors HT1DC20S30 Datasheet HTML 3Page - NXP Semiconductors HT1DC20S30 Datasheet HTML 4Page - NXP Semiconductors HT1DC20S30 Datasheet HTML 5Page - NXP Semiconductors HT1DC20S30 Datasheet HTML 6Page - NXP Semiconductors HT1DC20S30 Datasheet HTML 7Page - NXP Semiconductors HT1DC20S30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Sep 24
2
Philips Semiconductors
Product specification
HITAG 1 stick transponder
HT1DC20S30
FEATURES
• Complete identification transponder for use in
contactless applications
• Operating frequency 125 kHz
• Data transmission and supply energy via RF link, no
internal battery
• Low power EEPROM technology for writing distance
that equals reading distance
• Total memory size 2048 bits
• Parts of memory can be write protected by the user
• Effective communication protocol with outstanding data
integrity check
• Secure mutual authentication function
• Encrypted data transmission
• Anticollision protocol for handling of multiple
transponders inside the field of the reader antenna
• Special features:
– User defined write protection
– Unique 32-bit serial number for each transponder
– Encrypted data transmission possible.
GENERAL DESCRIPTION
The HITAG(1) stick transponder HT1DC20S30, based on
the HITAG tag IC, is a high performance transponder for
bi-directional data transmission in full-duplex mode. Data
is stored in the transponder in a non-volatile memory
(EEPROM).
The transponder acts as a passive device, thus not having
the need for any internal power supply (battery).
It derives power from the magnetic component of the
RF resonant frequency generated by the reader. Data is
transmitted by modulating this resonant frequency.
The HT1DC20S30 is dedicated for use in secure access
systems where the transponder and the reader have to
identify each other.
The EEPROM has a capacity of 2048 bits and is
organised in 64 pages. Access is provided either in page
mode or in block mode, where 1 block includes 4 pages.
Data transmission from the HT1DC20S30 to the reader
uses Manchester or biphase coding and Amplitude Shift
Keying (ASK) modulation. Absorption modulation is used
to transmit data from the transponder to the reader. The
transponder absorbs the magnetic field which hence
modulates the current in the reader antenna.
Data transmission from the reader to the HT1DC20S30
uses Binary Pulse Length Modulation (BPLM).
The anticollision feature of the transponder allows to
operate several transponders simultaneously in the field of
the reader antenna. To use that feature, the reader needs
to have implemented the anticollision protocol and must be
able to detect bit-collisions (e.g. the Philips HTRM800 long
range reader module includes the anticollision protocol.
(1) HITAG - is a trademark of Philips Semiconductors
Gratkorn GmbH.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
f0
resonant frequency
120
125
130
kHz
ftrans
data transfer rate
transponder to reader
−
4.0
−
kbits/s
reader to transponder
−
5.2
−
kbits/s
M
memory
size
−
2048
−
bits
organization
−
64
−
pages
N
encrypted mutual authentication bits
serial number
−
32
−
bits
secret key
−
32
−
bits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com