Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXG-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78LXXG-AA3-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXG-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78LXXG-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 8Page - Unisonic Technologies 78LXXG-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R101-001.AB
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VOUT=5~9V
VIN
30
V
VOUT=10~18V
35
V
VOUT=24V
40
V
Output Current
IOUT
100
mA
Power Dissipation
SOT-223
PD
750
mW
SOT-89
500
mW
SOT-25
240
mW
SOP-8
660
mW
TO-92/TO-92NL
625
mW
Junction Temperature
TJ
+150
°C
Operating Temperature (Note 2)
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. It is guarantee by design, not 100% be tested.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
SOT-223
θJA
133
°C/W
SOT-89
200
°C/W
SOT-25
416
°C/W
SOP-8
150
°C/W
TO-92/TO-92NL
160
°C/W
Junction to Case
SOT-223
θJC
15
°C/W
SOT-89
50
°C/W
SOT-25
130
°C/W
SOP-8
45
°C/W
TO-92/TO-92NL
83
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com