Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78LXXG-S08-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78LXXG-S08-R Datasheet HTML 1Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 2Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 3Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 4Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 5Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 6Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 7Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 8Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R101-001.AB
ELECTRICAL CHARACTERISTICS (Cont.)
For UTC78L09
(VIN=15V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
8.82
9.0
9.18
V
11.5V≤VIN≤24V, IOUT=1mA-40mA
8.73
9.27
V
11.5V≤VIN≤VMAX, IOUT=1mA-70mA
8.73
9.27 V(note 2)
Load Regulation
VOUT
TJ=25°C, IOUT=1mA-100mA
20
90
mV
TJ=25°C, IOUT=1mA-40mA
10
40
mV
Line regulation
VOUT
11.5V≤VIN≤24V, TJ=25°C
15
200
mV
13V≤VIN≤24V, TJ=25°C
10
150
mV
Quiescent Current
IQ
VIN=15V, IOUT=0mA, TJ=25°C
2.0
6.0
mA
Quiescent Current Change
IQ
13V≤VIN≤24V
1.5
mA
1mA≤IOUT≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
70
μV
Temperature coefficient of VOUT
VO/T IOUT=5mA
1.6
mV/
C
Ripple Rejection
RR
12V≤VIN≤24V, f=120Hz, TJ=25°C
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L10
(VIN=16V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
9.8
10
10.2
V
12.5V≤VIN≤25V, IOUT=1mA-40mA
9.7
10.3
V
12.5V≤VIN≤VMAX, IOUT=1mA-70mA
9.7
10.3 V(note 2)
Load Regulation
∆VOUT
TJ=25°C, IOUT=1mA-100mA
20
90
mV
TJ=25°C, IOUT=1mA-40mA
10
45
mV
Line regulation
∆VOUT
12.5V≤VIN≤25V, TJ=25°C
25
200
mV
14V≤VIN≤25V, TJ=25°C
20
170
mV
Quiescent Current
IQ
VIN=17V,IOUT=0mA, TJ=25°C
2.0
6.0
mA
Quiescent Current Change
IQ
12.5V≤VIN≤25V
1.5
mA
1mA≤IOUT≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
74
μV
Temperature coefficient of VOUT
VO/T IOUT=5mA
1.7
mV/
C
Ripple Rejection
RR
15V≤VIN≤25V,f=120Hz, TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L12
(VIN=19V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
11.76
12
12.24
V
14.5V≤VIN≤27V, IOUT=1mA-40mA
11.64
12.36
V
14.5V≤VIN≤VMAX, IOUT=1mA-70mA
11.64
12.36 V(note 2)
Load Regulation
VOUT
TJ=25°C, IOUT=1mA-100mA
25
100
mV
TJ=25°C, IOUT=1mA-40mA
12
50
mV
Line regulation
VOUT
14.5V≤VIN≤27V, TJ=25°C
25
300
mV
16V≤VIN≤27V, TJ=25°C
20
250
mV
Quiescent Current
IQ
VIN=19V, IOUT=0mA, TJ=25°C
2.0
6.5
mA
Quiescent Current Change
IQ
16V≤VIN≤27V
1.5
mA
1mA≤IOUT≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
80
μV
Temperature coefficient of VOUT
VO/T IOUT=5mA
1.8
mV/
C
Ripple Rejection
RR
15V≤VIN≤25V, f=120Hz, TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com