Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR760 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR760
Description  7.5A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR760 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR760 Datasheet HTML 1Page - Diodes Incorporated MBR760 Datasheet HTML 2Page - Diodes Incorporated MBR760 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23007 Rev. 9 - 2
1 of 3
MBR730-MBR760
www.diodes.com
ã Diodes Incorporated
MBR730 - MBR760
7.5A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin1+
Pin 1
Pin 2
Pin2-
Case
+
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: TO-220AC
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Marking: Type Number
·
Weight: 2.3 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
730
MBR
735
MBR
740
MBR
745
MBR
750
MBR
760
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
7.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage Drop
@ IF = 7.5A, TJ = 25
°C
(Note 3)
@ IF = 7.5A, TJ = 125
°C
@ IF = 15A, TJ = 25
°C
@ IF = 15A, TJ = 125
°C
VFM
¾
0.57
0.84
0.72
0.75
0.65
¾
¾
V
Peak Reverse Current
@ TJ = 25
°C
at Rated DC Blocking Voltage
@ TJ = 125
°C
IRM
0.1
15
0.5
50
mA
Typical Total Capacitance (Note 2)
CT
400
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJc
3.5
°C/W
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/
ms
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Short duration test pulse used to minimize self-heating effect.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
TO-220AC
Dim
Min
Max
A
14.48
15.75
B
10.00
10.40
C
2.54
3.43
D
5.90
6.40
E
2.80
3.93
G
12.70
14.27
J
0.69
0.93
K
3.54
3.78
L
4.07
4.82
M
1.15
1.39
N
0.30
0.50
P
2.04
2.79
R
4.83
5.33
All Dimensions in mm


Similar Part No. - MBR760

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR760 FAIRCHILD-MBR760 Datasheet
35Kb / 3P
7.5 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR760 DIODES-MBR760 Datasheet
65Kb / 2P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
logo
General Semiconductor
MBR760 GE-MBR760 Datasheet
75Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR760 MCC-MBR760 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Vishay Siliconix
MBR760 VISHAY-MBR760 Datasheet
64Kb / 3P
Schottky Barrier Rectifier
03-Mar-03
More results

Similar Description - MBR760

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR730 DIODES-MBR730 Datasheet
65Kb / 2P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
logo
Digitron Semiconductors
MBR735 DIGITRON-MBR735 Datasheet
400Kb / 2P
7.5A SCHOTTKY RECTIFIERS
logo
Diodes Incorporated
MBR730 DIODES-MBR730_15 Datasheet
163Kb / 4P
7.5A SCHOTTKY BARRIER RECTIFIER
Rev 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com