Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN010M2ABK050110 Datasheet(PDF) 1 Page - RFE international

Part # RN010M2ABK050110
Description  Aluminum Electrolytic Capactiors RN Series: Radial Bi-Polar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RN010M2ABK050110 Datasheet(HTML) 1 Page - RFE international

  RN010M2ABK050110 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
•85°C, 2000 hours assured, standard bi-polar series.
•Suitable for use in circuits which have a reversed or unknown polarity.
•RoHS Compliant
•See RNG for 105°C, SN for 7mm can, SSN for 5mm can.
SPECIFICATIONS
LEAD SPACING AND DIAMETER
PART NUMBER EXAMPLE
RN 010 M 2A BK 050 110
D
5
6.3
8
10
12.5
16
18
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.8
1.0
1.5
0.5
0.5
0.6
DIMENSIONS & PERMISSABLE RIPPLE CURRENT
Dimension: D×L(mm); Ripple Current: mA/RMS at 120Hz 85°C
Item
Operating Temp.
Capacitance Tolerance
Rated Voltage
Leakage Current
Time
(at 20°C)
Leakage
Current
whichever is greater
Dissipaton Factor
Rated Voltage
6.3
10
16
25
35
50
63
100
160 200
250
Tan at 120 Hz, 20°C
Tan (max)
0.25 0.22 0.18
0.16 0.14
0.12
0.10 0.09 0.15 0.15 0.20
Low Temperature
6.3
10
16
25
35
50
63
100
160
200
250
Characteristics
(at 120Hz)
Z(-25°C)/Z(+20°C)
4
3
3
2
2
2
2
2
2
2
2
Z(-40°C)/Z(+20°C)
8
6
6
4
4
3
3
3
4
4
4
Load Life Test at 20°C
Test Time
Shelf Life Test at 20°C
(after rated voltage is
Capacitance Change
applied for 2000 hours
Dissipation Factor
at 85°C)
Leakage Current
Standards
Test Time
Capacitance Change
Dissipation Factor
Leakage Current
Less than 200% of specifiec value
2000 Hrs
± 20%
after rated voltage
Performance
± 20% (120Hz, 20°C)
After 2 minutes
After 5 minutes
100V
100V
-40° ~ +85°C
I=0.03CV or 4 ( A)
CV 1000
I=0.03CV +15 ( A)
When the capacitance exceeds 1000 F, 0.02 shall be added every 1000 F increase
Rated Voltage
Impedance Ratio
I=0.02CV +25 ( A)
Where, C = rated capacitance in F, V = rated DC working voltage in V.
Impedance ratio shall not exceed the values given in the table below.
1000 Hrs
± 20%
Satisfies Characteristic W of JIS C 5141
Within specified values
applied for 1000 hours
at 85°C)
Less than 200% of specified value
Within specified value
Aluminum Electrolytic Capactiors
RN Series: Radial Bi-Polar
01.06.2022
DXL
mA
DXL
mA
DXL
mA
DXL
mA
DXL
m
A
DXL
mA
DXL
m
A
DXL
m
A
DXL
m
A
DXL
m
A
DXL
m
A
0.1
0R1
5 x 11
4
5 x 11
5
5 x 11
5
0.22
R22
5 x 11
7
5 x 11
8
5 x 11
8
0.33
R33
5 x 11
8
5 x 11
10
5 x 11
10
0.47
R47
5 x 11
10
5 x 11
12
5 x 11
12
5 x 11
10
5 x 11
10
6.3 x 11
12
1
010
5 x 11
15
5 x 11
18
5 x 11
23
6.3 x 11
14 8 x 11.5
16 8 x 11.5
16
2.2
2R2
5 x 11
23
5 x 11
25
6.3 x 11
26 8 x 11.5
23 8 x 11.5
28 10 x 12.5 32
3.3
3R3
5 x 11
28
5 x 11
31
6.3 x 11
32 8 x 11.5
33 10 x 12.5 33
10 x 16
46
4.7
4R7
5 x 11
32
5 x 11
34
6.3 x 11 37
6.3 x 11
40 10 x 12.5 39
10 x 16
46
10 x 20
62
10
100
5 x 11
40
5 x 11
42
5 x 11
46
6.3 x 11
55
6.3 x 11 60 8 x 11.5
66
10 x 16
75
10 x 20
83
10 x 20
99
22
220
5 x11
50
5 x 11
56
5 x 11
59 6.3 x 11
63
6.3 x 11
76
8 x 11.5
82 8 x 11.5 90
10 x 16
120
12.5 x 20 146 12.5 x 20 146 12.5 x 25 172
33
330
5 x11
62
5 x 11
69
5 x 11
73 6.3 x 11
78
8 x 11.5
94
8 x 11.5
104 10 x 12.5 135 10 x 20
175
12.5 x 20 179 12.5 x 25 197 16 x 25
211
47
470
5 x11
74
5 x 11
82
6.3 x 11
88
6.3 x 11
95
8 x 11.5
115
10 x 12.5
135 10 x 16 175 12.5 x 20 200 12.5 x 25 235
100
101
6.3 x11
108 6.3 x 11 120
8 x 11.5
149 8 x 11.5 155
10 x 16
202
10 x 20
229 12.5 x 20 270 16 x 25
315
220
221
8 x11.5
181 8 x 11.5 200
10 x 12.5
240 10 x 16 294
12.5 x 20 335
12.5 x 25
378 16 x 25 443 16 x 35.5 498
330
331
8 x11.5
236 10 x 16 308
10 x 16
330 12.5 x 20 384
12.5 x 20 429
16 x 25
496 16 x 31.5 653
470
471
10 x 12.5
329 10 x 16 365
10 x 20
435 12.5 x 25 479
16x 25
548
16 x 25
590 18 x 35.5 815
1000
102
10 x 20
502 12.5 x 20 598
12.5 x 25
659 16 x 25 700
16 x 31.5 880
16 x 31.5
920
2200
222
12.5 x 25
829 16 x 25 992
16 x 31.5 1114 18 x 35.5 1347
VDC
F
Code
6.3V(OJ)
10V(1A)
16V(1C)
25V(1E)
200V(2D)
250V(2E)
35V(1V)
50V(1H)
63V(1J)H)
100V(2A)
160V(2C)


Similar Part No. - RN010M2ABK050110

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
More results

Similar Description - RN010M2ABK050110

ManufacturerPart #DatasheetDescription
logo
RFE international
RB010M1HBK080115 RFE-RB010M1HBK080115 Datasheet
88Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RB & RBG Series: Radial Bi-Polar, 85C & 105C
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
RS010M1HBK130250 RFE-RS010M1HBK130250 Datasheet
79Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RS/RSG Series: Radial Bi-polar
logo
Panasonic Semiconductor
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
227CKE010M ILLINOISCAPACITOR-227CKE010M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
227CKE100M ILLINOISCAPACITOR-227CKE100M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
logo
RFE international
RNG RFE-RNG Datasheet
814Kb / 1P
Aluminum Electrolytic Capactiors RNG Series: Radial Bi-Polar, 105°C
01.06.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com