Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB360 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SB360
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB360 Datasheet(HTML) 2 Page - Diodes Incorporated

  SB360 Datasheet HTML 1Page - Diodes Incorporated SB360 Datasheet HTML 2Page - Diodes Incorporated SB360 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS23023 Rev. 7 - 2
2 of 3
SB320-SB360
www.diodes.com
0
16
32
48
64
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half-Sine-Wave
T=
j
T
j(max)
10
100
1000
0.1
110
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance
R
f = 1.0MHz
T= 25 C
j
°
V
= 50m Vp-p
sig
SB320 - SB340
SB350 & SB360
0.01
0.1
1
10
0.001
0.0001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE (%)
Fig.5 Typical Reverse Characteristics
SB320 - SB340
SB350 & SB360
T = 125°C
j
T = 75°C
j
T = 25°C
j
0.1
1.0
10
0.1
0.3
0.4
0.2
0.5
0.6
0.7
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T= +25 C
A
°
T = +125 C
A
°
SB320 - SB340
SB350 & SB360
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1.5
2.0
2.5
3.0
Resistive or Inductive Load
0.375” (9.5mm) lead length
SB320 - SB340
SB350 & SB360



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com