Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78 Datasheet(PDF) 73 Page - SMSC Corporation

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button FDC37C78 Datasheet HTML 69Page - SMSC Corporation FDC37C78 Datasheet HTML 70Page - SMSC Corporation FDC37C78 Datasheet HTML 71Page - SMSC Corporation FDC37C78 Datasheet HTML 72Page - SMSC Corporation FDC37C78 Datasheet HTML 73Page - SMSC Corporation FDC37C78 Datasheet HTML 74Page - SMSC Corporation FDC37C78 Datasheet HTML 75Page - SMSC Corporation FDC37C78 Datasheet HTML 76Page - SMSC Corporation FDC37C78 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
73
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
3.0
0.4
V
V
Input Leakage
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
μA
μA
VIN = 0
VIN = VIO
I/O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.5
+10
V
V
μA
IOL = 24 mA
IOH = -12mA
VIN = 0 to VIO (Note 1)
O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.5
+10
V
V
μA
IOL = 24 mA
IOH = -12 mA
VIN = 0 to VIO (Note 1)
OD20 Type Buffer
Low Output Level
Output Leakage
VOL
IOH
-10
0.5
+10
V
μA
IOL = 48 mA
VOH = 0 to VIO (Note 2)
Supply Current Active
Supply Current Standby
ICC
ICSBY
TBD
TBD
mA
mA
All outputs open.
(Note 3)
Note 1: All output leakages are measured with the current pins in high impedance.
Note 2: Output leakage is measured with the low driving output off.
Note 3: Defined by the device configuration.
CAPACITANCE TA = 25°C; fc = 1MHz; VCC = 3.3V, 5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
All pins except pin
under test tied to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com