Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M10X Datasheet(PDF) 2 Page - SMSC Corporation

Part # LPC47M10X
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M10X Datasheet(HTML) 2 Page - SMSC Corporation

  LPC47M10X Datasheet HTML 1Page - SMSC Corporation LPC47M10X Datasheet HTML 2Page - SMSC Corporation LPC47M10X Datasheet HTML 3Page - SMSC Corporation LPC47M10X Datasheet HTML 4Page - SMSC Corporation LPC47M10X Datasheet HTML 5Page - SMSC Corporation LPC47M10X Datasheet HTML 6Page - SMSC Corporation LPC47M10X Datasheet HTML 7Page - SMSC Corporation LPC47M10X Datasheet HTML 8Page - SMSC Corporation LPC47M10X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 188 page
background image
Page 2
ORDERING INFORMATION
LPC47M102S-MC for AMI BIOS in 100 pin QFP package (leaded)
LPC47M102S-MS for AMI BIOS in 100 pin QFP lead-free RoHS compliant package
LPC47M107S-MC for Phoenix BIOS in 100 pin QFP package (leaded)
LPC47M107S-MS for Phoenix BIOS in 100 pin QFP lead-free RoHS compliant package
GENERAL DESCRIPTION
The LPC47M10x* is a 3.3V (5V tolerant) PC98/PC99 compliant Super I/O controller. The LPC47M10x implements
the LPC interface, a pin reduced ISA bus interface which provides the same or better performance as the ISA/X-bus
with a substantial savings in pins used. The LPC47M10x provides fan control through two fan speed control output
pins and two fan tachometer input pins. It also provides 37 general purpose input/output (GPIO) pins, a dual game
port interface and MPU-401 MIDI support.
The LPC47M10x incorporates a keyboard interface, SMSC's true CMOS 765B floppy disk controller, advanced digital
data separator, two 16C550A compatible UARTs, one Multi-Mode parallel port which includes ChiProtect circuitry plus
EPP and ECP, on-chip 12 mA AT bus drivers, one floppy direct drive support, and Intelligent Power Management
including PME support. The true CMOS 765B core provides 100% compatibility with IBM PC/XT and PC/AT
architectures in addition to providing data overflow and underflow protection. The SMSC advanced digital data
separator incorporates SMSC's patented data separator technology, allowing for ease of testing and use. Both on-
chip UARTs are compatible with the NS16C550A. The parallel port is compatible with IBM PC/AT architecture, as
well as IEEE 1284 EPP and ECP. The LPC47M10x incorporates sophisticated power control circuitry (PCC) which
includes support for keyboard and mouse wake-up events. The PCC supports multiple low power-down modes.
The LPC47M10x supports the ISA Plug-and-Play Standard (Version 1.0a) and provides the recommended
functionality to support Windows '95. The I/O Address, DMA Channel and hardware IRQ of each logical device in the
LPC47M10x may be reprogrammed through the internal configuration registers. There are 480 I/O address location
options, a Serialized IRQ interface, and three DMA channels.
The LPC47M10x does not require any external filter components and is therefore easy to use and offers lower system
costs and reduced board area. The LPC47M10x is software and register compatible with SMSC's proprietary
82077AA core.
*The “x” in the part number is a designator that changes depending upon the particular BIOS used inside the specific chip. “2”
denotes AMI Keyboard BIOS and “7” denotes Phoenix 42i Keyboard BIOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com