Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT Datasheet(PDF) 2 Page - RFE international

Part # SMT
Description  SMD TANTALUM CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SMT Datasheet(HTML) 2 Page - RFE international

  SMT Datasheet HTML 1Page - RFE international SMT Datasheet HTML 2Page - RFE international SMT Datasheet HTML 3Page - RFE international SMT Datasheet HTML 4Page - RFE international SMT Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Page 2 of 5
SMD TANTALUM CAPACITORS
SMT Series: Surface Mount
RoHS
ü
C5BA04
2016.10.17
CAPACITANCE, RATED VOLTAGE AND ESR (2.5V ~ 6.3V)
µ
F Code
Case
Code
DCL
Max (µA)
DF
Max (%)
ESR
Max (Ω)
Case
Code
DCL
Max (µA)
DF
Max (%)
ESR
Max (Ω)
Case
Code
DCL
Max (µA)
DF
Max (%)
ESR
Max (Ω)
0.1
104
0.15
154
0.22
224
0.33
334
0.47
474
0.68
684
1
105
S
0.5
6
25
A
0.5
6
12
S
0.5
6
20
A
0.5
6
8
S
0.5
6
20
S
0.5
6
12
A
0.5
6
8
A
0.5
6
8
S
0.5
6
20
A
0.5
6
8
A
0.5
6
6
A
0.5
6
6
B
0.5
6
6
B
0.5
6
3.5
A
0.5
6
6
A
0.6
6
4
B
0.5
6
3.5
B
0.6
6
3.5
A
0.9
6
3.5
B
0.9
6
3.5
C
0.9
6
1.8
A
0.9
6
4
A
1.4
6
4
B
0.9
6
3.5
B
1.4
6
3.5
C
0.9
6
1.8
C
1.4
6
1.8
A
1.3
6
4
A
2.1
12
2.5
B
1.3
6
3.5
B
2.1
6
2.5
C
1.3
6
1.8
C
2.1
6
1.8
A
3
12
3.5
B
3
6
2
C
3
6
1.6
D
3
6
0.8
A
2.7
12
3
B
2.7
6
1.8
C
2.7
6
1.6
D
2.7
6
0.8
B
4
8
1.8
B
6.3
15
3
C
4
30
1.2
C
6.3
8
0.9
D
4
8
0.9
D
6.3
8
0.8
120
127
D
5
9
1
D
8
9
0.9
B
9.5
12
1.2
C
9.5
8
1.2
D
9.5
8
0.9
E
9.5
8
0.5
B
8.8
12
1.1
C
13.9
10
1.2
C
8.8
8
1.2
D
13.9
8
0.9
D
8.8
8
0.9
E
13.9
8
0.9
B
8.3
10
1.6
C
13.2
10
0.9
C
20.8
12
0.5
C
8.3
10
0.9
D
13.2
8
0.9
D
20.8
8
0.9
D
8.3
10
0.9
E
13.2
8
0.9
E
20.8
8
0.9
C
18.8
14
0.9
D
29.6
12
0.4
D
18.8
8
0.9
E
29.6
10
0.4
E
18.8
8
0.5
V
29.6
10
0.4
D
27.2
14
0.5
D
42.8
10
0.5
E
27.2
14
0.5
E
42.8
10
0.5
V
27.2
14
0.4
V
42.8
10
0.5
D
25
16
0.5
E
25
14
0.5
1.9
1.9
1.9
8
6
6
3
2.5
1.8
V
40
14
0.4
B
C
D
4.3
4.3
4.3
8
6
6
0.9
1.2
0.8
B
C
D
6
6
6
10
6
6
1.5
1.2
1.2
17
17
16
10
0.9
0.5
5.5
5.5
20
8
1.6
0.9
B
C
11.8
11.8
16
8
0.9
0.9
680
687
1000 108
B
C
220
227
330
337
470
477
D
E
B
2.5
12
1.4
B
3.8
16
1.6
A
1.7
10
1.5
Capacita
nce
33
336
4V (0G)
2.5V (0E)
1.5
155
S
0.5
6
30
2.2
225
S
0.5
6
A
0.8
8
3
A
1.2
8
3
Rated Voltage DC (VR) @ 85°C
6.3V (0J)
25
A
0.5
6
6
A
B
0.6
0.6
6
6
4
3.5
A
B
C
150
157
335
3.3
4.7
475
685
6.8
68
686
156
107
22
226
10
106
47
476
100
15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com