Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C795 Datasheet(PDF) 19 Page - SMSC Corporation

Part # 83C795
Description  Ethernet System Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C795 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button 83C795 Datasheet HTML 15Page - SMSC Corporation 83C795 Datasheet HTML 16Page - SMSC Corporation 83C795 Datasheet HTML 17Page - SMSC Corporation 83C795 Datasheet HTML 18Page - SMSC Corporation 83C795 Datasheet HTML 19Page - SMSC Corporation 83C795 Datasheet HTML 20Page - SMSC Corporation 83C795 Datasheet HTML 21Page - SMSC Corporation 83C795 Datasheet HTML 22Page - SMSC Corporation 83C795 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 136 page
background image
Mnemonic
Pin Number I/O
Description
AE N
93
I
PC ADDR E S S E NABLE . Active low. When Addres s E nable is
active the 83C795 responds to any host s trobe (IOR , IOW, ME MR ,
ME MW, SME MR , SME MW).
BALE
29
I
PC ADDR E S S LAT CH E NABLE . Us ed to latch valid address es
from the LA bus. Passes LA signals through internal latches while
high and latches them on falling edge.
BS R
115
I
BIAS R E S IS T OR . A resistor from BS R to VDD s ets the internal
bias levels . Nominal value is 10K
Ω.
CAP
113
I
PLL F ILT E R CAP. A capacitor (nominal value .01
µF) from CAP to
ground is us ed as part of the filter for the internal phas e lock loop.
CD+
CD-
126
125
I
AUI COLLIS ION. CD+ /CD- are us ed by the external trans ceiver
to signal a collis ion by sending a 10MHz signal.
EECS
132
O
E E R OM Chip S elect. An external 9356 serial E E R OM is used to
store up to 2048 bits of configuration data. T hese s ignals (along
with LLE D and R LE D) interface with that chip.
EEDO
137
I/O
EER OM DAT A OUT PUT.
GPOUT
110
O
GE NE R AL PUR POS E OUT PUT. In some systems, this bit is wired
to a s hutdown control input of the DC/DC is olated power supply
us ed in 10Bas e2 applications . In other systems, this supplies a
control signal for switching power supplies . (T he DC signal’s
polarity on the 83C795 is the oppos ite of the 83C790.)
HOS T CLK
71
I/O
Pers onal Computer BUS CLOCK.
IO16CS
28
O
16 BIT I/O S E LE CT E D. Active low. Indicates to the PC/AT bus that
the I/O response will be 16 bits wide. Only us ed for the I/O pipe.
IOR
72
I/O
PC I/O R E AD. Active low. R eads an I/O register onto the PC data
bus .
IOR DY
90
O
I/O IOR DY. R es pons e to host acces s which can be us ed directly
as ’I/O Channel R eady’ when res ponding to a pers onal computer
bus . It is pulled low (not ready) to lengthen I/O or memory cycles.
When the 83C795 is ready to res pond, the s ignal is driven high
until the host acces s is completed, then becomes tris tated. T his
signal is driven by a tri-s tate buffer capable of s inking 24 mA.
IOW
73
I/O
PC I/O WR IT E . Active low. Writes an I/O regis ter from the PC data
bus .
IR Q1
108
I/O
PC INT E R R UPT R E QUE S T LINE S . Active high. T ristated when
not active. IR Q2-9 on the PC/AT bus . IR Q1 is the s ame as the
XT XD pin in s ome test modes .
IR Q2
95
I/O
IR Q3 on PC/AT bus. S ame as XLOOP in some test modes.
IR Q3
106
I/O
IR Q5 on PC/AT bus. S ame as XCR S in some test modes.
IR Q4
107
I/O
IR Q7 on PC/AT bus. S ame as XR XC in some test modes.
IR Q5
25
I/O
IR Q10 on PC/AT bus . S ame as XR XD in s ome tes t modes .
IR Q6
24
I/O
IR Q11 on PC/AT bus . S ame as XCOL in s ome tes t modes.
IR Q7
23
I/O
IR Q15 on PC/AT bus . S ame as XT XC in s ome tes t modes.
TABLE 4-1. 83C795 PIN ASSIGNMENTS
83C795
PIN LIST
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com