Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C96-MS Datasheet(PDF) 49 Page - SMSC Corporation

Part # LAN91C96-MS
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96-MS Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LAN91C96-MS Datasheet HTML 45Page - SMSC Corporation LAN91C96-MS Datasheet HTML 46Page - SMSC Corporation LAN91C96-MS Datasheet HTML 47Page - SMSC Corporation LAN91C96-MS Datasheet HTML 48Page - SMSC Corporation LAN91C96-MS Datasheet HTML 49Page - SMSC Corporation LAN91C96-MS Datasheet HTML 50Page - SMSC Corporation LAN91C96-MS Datasheet HTML 51Page - SMSC Corporation LAN91C96-MS Datasheet HTML 52Page - SMSC Corporation LAN91C96-MS Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
SMSC LAN91C965v&3v
Page 49
Rev. 03-28-07
DATASHEET
DIS LINK - This bit is used to disable the 10BASE-T link test functions. When this bit is high the
LAN91C96 disables link test functions by not generating nor monitoring the network for link
pulses. In this mode the LAN91C96 will transmit packets regardless of the link test, the EPHSR
LINK_OK bit will be set and the LINK LED will stay on. When low the link test functions are
enabled. If the link status indicates FAIL, the EPHSR LINK_OK bit will be low, while transmit
packets enqueued will be processed by the LAN91C96, transmit data will not be sent out to the
cable.
INT SEL1-0 - In LOCAL BUS mode, used to select one out of four interrupt pins. The three
unused interrupts are tristated.
INT SEL1
INT SEL0
INTERRUPT PIN USED
0
0
INTR0
0
1
INTR1
1
0
INTR2
1
1
INTR3
I/O SPACE - BANK1
OFFSET
NAME
TYPE
SYMBOL
2
BASE ADDRESS REGISTER
READ/WRITE
BAR
For LOCAL BUS mode only, this register holds the I/O address decode option chosen for the I/O and ROM
space. It is part of the EEPROM saved setup, and is not usually modified during run-time.
A15
A14
A13
A9
A8
A7
A6
A5
0
0
0
1
1
0
0
0
ROM SIZE
RA18
RA17
RA16
RA15
RA14
0
1
1
0
0
1
1
1
A15 - A13 and A9 - A5 - These bits are compared in LOCAL BUS mode against the I/O address on the
bus to determine the IOBASE for LAN91C96 registers. The 64k I/O space is fully decoded by the
LAN91C96 down to a 16 location space, therefore the unspecified address lines A4, A10, A11 and A12
must be all zeros.
ROM SIZE - Determines the ROM decode area in LOCAL BUS mode memory space as follows:
00 = ROM disable
01 = 16k: RA14-18 define ROM select.
10 = 32k: RA15-18 define ROM select.
11 = 64k: RA16-18 define ROM select.
RA18-RA14 - These bits are compared in LOCAL BUS mode against the memory address on the bus to
determine if the ROM is being accessed, as a function of the ROM SIZE. ROM accesses are read only
memory accesses defined by MEMRD* going low.
For a full decode of the address space unspecified upper address lines have to be: A19 = "1", A20-A23
lines are not directly decoded, however LOCAL BUS systems will only activate SMEMRD* only when A20-
A23=0.
All bits in this register are loaded from the serial EEPROM in LOCAL BUS Mode only. In PCMCIA mode,
the I/O base is set to the default value (as in LOCAL BUS mode) as defined below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com