Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP460 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IRFP460
Description  PowerMOS transistors Avalanche energy rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRFP460 Datasheet(HTML) 1 Page - NXP Semiconductors

  IRFP460 Datasheet HTML 1Page - NXP Semiconductors IRFP460 Datasheet HTML 2Page - NXP Semiconductors IRFP460 Datasheet HTML 3Page - NXP Semiconductors IRFP460 Datasheet HTML 4Page - NXP Semiconductors IRFP460 Datasheet HTML 5Page - NXP Semiconductors IRFP460 Datasheet HTML 6Page - NXP Semiconductors IRFP460 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
IRFP460
Avalanche energy rated
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Repetitive Avalanche Rated
• Fast switching
V
DSS = 500 V
• Stable off-state characteristics
• High thermal cycling performance
I
D = 20 A
• Low thermal resistance
R
DS(ON) ≤ 0.27 Ω
GENERAL DESCRIPTION
PINNING
SOT429 (TO247)
N-channel,
enhancement
mode
PIN
DESCRIPTION
field-effect
power
transistor,
intended for use in off-line switched
1
gate
mode power supplies, T.V. and
computer monitor power supplies,
2
drain
d.c. to d.c. converters, motor control
circuits
and
general
purpose
3
source
switching applications.
tab
drain
The IRFP460 is supplied in the
SOT429
(TO247)
conventional
leaded package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
500
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-
500
V
V
GS
Gate-source voltage
-
± 30
V
I
D
Continuous drain current
T
mb =
25 ˚C; V
GS = 10 V
-
20
A
T
mb = 100 ˚C; VGS = 10 V
-
12.4
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
80
A
P
D
Total dissipation
T
mb = 25 ˚C
-
250
W
T
j, Tstg
Operating junction and
- 55
150
˚C
storage temperature range
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 20 A;
-
1300
mJ
energy
t
p = 0.2 ms; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V
E
AR
Repetitive avalanche energy
1
I
AR = 20 A; tp = 2.5 µs; Tj prior to
-
32
mJ
avalanche = 25˚C; R
GS = 50 Ω; VGS = 10 V
I
AS, IAR
Repetitive and non-repetitive
-
20
A
avalanche current
d
g
s
2
3
1
1 pulse width and repetition rate limited by T
j max.
September 1999
1
Rev 1.000


Similar Part No. - IRFP460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
logo
Intersil Corporation
IRFP460 INTERSIL-IRFP460 Datasheet
55Kb / 7P
20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
logo
IXYS Corporation
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
MegaMOS - Power MOSFET
logo
Vishay Siliconix
IRFP460 VISHAY-IRFP460 Datasheet
135Kb / 8P
Power MOSFET
28-Jul-08
More results

Similar Description - IRFP460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com