Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C223 Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB97C223
Description  Bus Powered USB 2.0 Flash Media Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C223 Datasheet(HTML) 3 Page - SMSC Corporation

  USB97C223 Datasheet HTML 1Page - SMSC Corporation USB97C223 Datasheet HTML 2Page - SMSC Corporation USB97C223 Datasheet HTML 3Page - SMSC Corporation USB97C223 Datasheet HTML 4Page - SMSC Corporation USB97C223 Datasheet HTML 5Page - SMSC Corporation USB97C223 Datasheet HTML 6Page - SMSC Corporation USB97C223 Datasheet HTML 7Page - SMSC Corporation USB97C223 Datasheet HTML 8Page - SMSC Corporation USB97C223 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Bus Powered USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C223
Page 3
Revision 1.5 (01-06-05)
DATASHEET
USB97C223 Revision History
REVISION LEVEL
AND DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.5
(01-06-05)
Features, Ordering Information
Added green, lead-free ordering information
Rev. 1.5
(11-05-03)
Section 7.2 - DC Electrical Characteristics,
page 17
Updated High Input Leakage units.
Rev. 1.4
(08-27-03)
Cover
Updated Features.
Rev. 1.4
(08-27-03)
7.2 DC Electrical Characteristics, page 17
Updated the following parameters:
Supply Current Unconfigured, Supply Current
Active (Full Speed), Supply Current Active
(High Speed), Supply Current Standby
Rev. 1.3
(07-07-03)
Cover
Updated features.
Rev. 1.3
(07-01-03)
Table 6.1- Pin Description, page 11
Corrected SD-nWP from Pull-up to Pull-down.
Rev. 1.3
(07-01-03)
Section 7.2 - DC Electrical Characteristics,
page 17
Added Hysteresis spec for IS buffer type.
Rev. 1.2
(06-06-03)
Section 3.2.1 – page 8
Table 6.1 - Pin Description – page 11
Revised ATEST, VDDP and VDDCORE
descriptions regarding internal 1.8V regulator
usage.
Rev. 1.2
(05-30-03)
Section 3.2.1 – page 8
Revised second note following table.
Rev. 1.2
(05-30-03)
Table 6.1 - Pin Description – page 11
Updates to table.
Rev. 1.2
(05-29-03)
Cover page – Product Features
1
st bullet – changed “certifiable” to “certified.
Rev. 1.2
(05-28-03)
Table 6.1 - page 11
Updated Analog Test section.
Rev. 1.2
(05-28-03)
Chapter 1 - General Description - page 5
Updated disclaimer.
Rev. 1.1
(04-03-03)
Cover page - Product Features
Revised features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com