Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A02 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2A02
Description  2.0A RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2A02 Datasheet(HTML) 2 Page - Diodes Incorporated

  2A02 Datasheet HTML 1Page - Diodes Incorporated 2A02 Datasheet HTML 2Page - Diodes Incorporated 2A02 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS29008 Rev. 4 - 2
2 of 3
2A01-2A07
www.diodes.com
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
1.0
10
100
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance
R
f=1MHz
T = 25°C
J
0
2.5
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
25
50
75
100
125
150
175
200
0.5
1.0
1.5
2.0
Single phase half wave 60 Hz
resistive or inductive load
9.5mm lead lengths
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
0
30
60
75
45
15
Ordering Information
Device
Packaging
Shipping
2A01-T
DO-15
4K/Tape & Reel, 13-inch
2A02-T
DO-15
4K/Tape & Reel, 13-inch
2A03-T
DO-15
4K/Tape & Reel, 13-inch
2A04-T
DO-15
4K/Tape & Reel, 13-inch
2A05-T
DO-15
4K/Tape & Reel, 13-inch
2A06-T
DO-15
4K/Tape & Reel, 13-inch
2A07-T
DO-15
4K/Tape & Reel, 13-inch
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
(Note 4)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com