Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2070CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR2070CT
Description  20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2070CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR2070CT Datasheet HTML 1Page - Diodes Incorporated MBR2070CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2070CT - MBR20100CT
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
•
Guard Ring Die Construction for
Transient Protection
•
Low Power Loss, High Efficiency
•
High Surge Capability
•
High Current Capability and Low Forward Voltage Drop
•
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
•
Lead Free Finish/RoHS Compliant (Note 3)
Mechanical Data
•
Case: TO-220AB
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Polarity: As Marked on Body
•
Terminals: Finish – Tin. Solderable per MIL-STD-202,
Method 208
•
Marking: Type Number
•
Ordering Information: See Page 2
•
Weight: 2.24 grams (approximate)
TO-220AB
Dim
Min
Max
A
14.48
15.75
B
10.00
10.40
C
2.54
3.43
D
5.90
6.40
E
2.80
3.93
G
12.70
14.27
H
2.40
2.70
J
0.69
0.93
K
3.54
3.78
L
4.07
4.82
M
1.15
1.39
N
0.30
0.50
P
2.04
2.79
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @T
A = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
2070CT
MBR
2080CT
MBR
2090CT
MBR
20100CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current (Note 1)
@ TC = 120°C
IO
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
150
A
Forward Voltage Drop
@ IF = 10A, Tj = 125°C
@ IF = 10A, Tj = 25°C
@ IF = 20A, Tj = 125°C
@ IF = 20A, Tj = 25°C
VFM
0.75
0.85
0.85
0.95
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4)
@ TA = 125°C
IRM
0.10
100
mA
Typical Total Capacitance (Note 2)
CT
1000
pF
Typical Thermal Resistance Junction to Case (Note 1)
RθJC
2.0
°C/W
Voltage Rate of Change
dV/dt
10000
V/
μs
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Notes:
1.
Thermal resistance junction to case mounted on heatsink.
2.
Measured at 1.0 MHz and applied reverse voltage of 4.0V DC and per element.
3.
RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
4.
Short duration pulse test to minimize self-heating effect.
DS30019 Rev. 7 - 2
1 of 2
www.diodes.com
MBR2070CT-MBR20100CT
© Diodes Incorporated


Similar Part No. - MBR2070CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2070CT MOTOROLA-MBR2070CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR2070CT DIODES-MBR2070CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Galaxy Semi-Conductor H...
MBR2070CT BILIN-MBR2070CT Datasheet
152Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Sirectifier Semiconduct...
MBR2070CT SIRECTIFIER-MBR2070CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2070CT KERSEMI-MBR2070CT Datasheet
790Kb / 3P
SWITCHMODE POWER RECTIFIERS
More results

Similar Description - MBR2070CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
MBR2070CT DIODES-MBR2070CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
MBRB2070CT DIODES-MBRB2070CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150FCT WTE-SB20150FCT Datasheet
49Kb / 4P
20A HIGH VOLTAGE DULA SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150FCT WTE-SB20150FCT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBR20100CT TAK_CHEONG-MBR20100CT Datasheet
169Kb / 4P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com